Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2729-125 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # 2729-125
Description  125 Watts, 36 Volts, 100us, 10% Radar 2700-2900 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

2729-125 Datasheet(HTML) 2 Page - Advanced Power Technology

  2729-125 Datasheet HTML 1Page - Advanced Power Technology 2729-125 Datasheet HTML 2Page - Advanced Power Technology 2729-125 Datasheet HTML 3Page - Advanced Power Technology 2729-125 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2729-125
Vcc = 36 Volts, Pulse Width = 100
µs, Duty = 10%
G2747-2, Unit 7, TF040803P2
Gain vs. Power Input -dBm
36 Volts, 100
µs, 10%
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
Power Input (dBm)
2.7
2.8
2.9
Power Output vs. Power In (Watts)
36Volts, 100
µs, 10%
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
140.0
150.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Pin (W)
2.7
2.8
2.9
Expected Pout
Gain vs. Power Input -dBm
36 Volts, 100
µs, 10%
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
Power Input (dBm)
2.7
2.8
2.9
Efficiency (%) vs Power Input (W)
36 Volts, 100
µs, 10%
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Pin (W)
2.7
2.8
2.9
Advanced Power Technology reserves the right to change, without notice, the specifications and information
contained herein. Visit our web site at www.advancedpower.com or contact our factory direct.


Similar Part No. - 2729-125

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
2729-170 ADPOW-2729-170 Datasheet
83Kb / 4P
   170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100짰, 10%
logo
Microsemi Corporation
2729-170 MICROSEMI-2729-170 Datasheet
111Kb / 4P
   170 Watts, 38 Volts, 100關s, 10% Radar 2700-2900 MHz
More results

Similar Description - 2729-125

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2731-20 MICROSEMI-2731-20 Datasheet
63Kb / 3P
   20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz
2729-170 MICROSEMI-2729-170 Datasheet
111Kb / 4P
   170 Watts, 38 Volts, 100關s, 10% Radar 2700-2900 MHz
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
   100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
logo
Advanced Power Technolo...
1214-300 ADPOW-1214-300 Datasheet
621Kb / 3P
   300 Watts - 50 Volts, 100us, 10% Radar 1200 1400 MHz
logo
Microsemi Corporation
2729-300P MICROSEMI-2729-300P Datasheet
358Kb / 2P
   300 Watts - 100關s, 10%, 36V S-Band Pulsed Radar 2700 - 2900 MHz
logo
Advanced Power Technolo...
2931-150 ADPOW-2931-150 Datasheet
95Kb / 4P
   150 Watts, 38 Volts, 50us, 4% Radar 2900-3100 MHz
1517-20M ADPOW-1517-20M Datasheet
89Kb / 4P
   20 Watts, 36 Volts, 200us, 10% Radar 1480 to 1650 MHz
logo
Microsemi Corporation
3134-100M MICROSEMI-3134-100M Datasheet
85Kb / 4P
   100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
3134-100 MICROSEMI-3134-100 Datasheet
303Kb / 5P
   100 Watts, 36 Volts, 100關s, 10% Radar 3100-3400 MHz
logo
Advanced Power Technolo...
2729-170 ADPOW-2729-170 Datasheet
83Kb / 4P
   170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100짰, 10%
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com