Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5245B Datasheet(PDF) 5 Page - Motorola, Inc

Part # 1N5245B
Description  500mW DO-35 GLASS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1N5245B Datasheet(HTML) 5 Page - Motorola, Inc

  1N5245B Datasheet HTML 1Page - Motorola, Inc 1N5245B Datasheet HTML 2Page - Motorola, Inc 1N5245B Datasheet HTML 3Page - Motorola, Inc 1N5245B Datasheet HTML 4Page - Motorola, Inc 1N5245B Datasheet HTML 5Page - Motorola, Inc 1N5245B Datasheet HTML 6Page - Motorola, Inc 1N5245B Datasheet HTML 7Page - Motorola, Inc 1N5245B Datasheet HTML 8Page - Motorola, Inc 1N5245B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image


Similar Part No. - 1N5245B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5245B VISHAY-1N5245B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5245B VISHAY-1N5245B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5245B MCC-1N5245B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5245B VISHAY-1N5245B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Pan Jit International I...
1N5245B PANJIT-1N5245B Datasheet
81Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5245B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
   500mW DO-35 Hermetically glass sealed switching diode
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Rectron Semiconductor
1N5223B RECTRON-1N5223B Datasheet
21Kb / 2P
   500mW 5% DO-35 ZENER DIODE
logo
Jiangsu High diode Semi...
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
   DO-35 Glass-Encapsulate Diodes
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
   DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
   DO-35 Glass-Encapsulate Diodes
BZX55 HDSEMI-BZX55 Datasheet
1Mb / 6P
   DO-35 Glass-Encapsulate Diodes
logo
Microsemi Corporation
1N4607 MICROSEMI-1N4607 Datasheet
235Kb / 4P
   Silicon Switching Diode DO-35 Glass Package
1N4150 MICROSEMI-1N4150 Datasheet
78Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com