Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1719-20 Datasheet(PDF) 1 Page - GHz Technology

Part # 1719-20
Description  20 Watt - 28 Volts, Class C Microwave 1700 - 1900 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

1719-20 Datasheet(HTML) 1 Page - GHz Technology

  1719-20 Datasheet HTML 1Page - GHz Technology 1719-20 Datasheet HTML 2Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
1719 - 20
20 Watt - 28 Volts, Class C
Microwave 1700 - 1900 MHz
GENERAL DESCRIPTION
The 1719-20 is a COMMON BASE transistor capable of providing 20 Watts
of Class C, RF output power over the band 1700-1900 MHz. This transistor is
designed for Microwave Broadband Class C amplifier applications. It includes
Input and Output prematching and utilizes Gold metalization and diffused
ballasting to provide high reliability and supreme ruggedness. The transistor
uses a fully hermetic High Temperature Solder sealed package.
CASE OUTLINE
55AW, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
67 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
6.0 A
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
1
Power Out
Power Input
Power Gain
Collector Efficiency
Load Mismatch Tolerance
F = 1900 MHz
Vcb = 28 Volts
Pin = 5.0 Watts
As Above
F = 1.7 GHz, Pin = 5.0
20
6.0
6.5
38
5.0
4:1
Watt
Watt
dB
%
BVces
BVebo
Icbo
h
FE
Cob
θjc
Collector to Emitter Breakdown
Emitter to Base Breakdown
Collector to Base Current
Current Gain
Output Capacitance *
Thermal Resistance
Ic = 10 mA
Ie = 10 mA
Vcb = 28 Volts
Vce = 5 V, Ic = 1.2 A
F =1 MHz, Vcb = 28 V
50
3.5
20
4.0
2.6
Volts
Volts
mA
pF
C/W
o
* Not measureable due to Output Match
Issue August 1996


Similar Part No. - 1719-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1719-1 ETC2-1719-1 Datasheet
68Kb / 1P
   WASHERS
logo
GHz Technology
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
   35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
logo
NHP Electrical Engineer...
1719-AENTR NHP-1719-AENTR Datasheet
476Kb / 1P
   Ex I/O EtherNet/IP Adapter
8 June 2023,
1719-PSDC NHP-1719-PSDC Datasheet
490Kb / 1P
   Ex I/O Power Supply DC
8 June 2023,
More results

Similar Description - 1719-20

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3001 GHZTECH-3001 Datasheet
213Kb / 4P
   1 Watt - 28 Volts, Class C Microwave 3000 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
   1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
   10 Watt - 28 Volts, Class C Microwave 2000 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
   5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2301 GHZTECH-2301 Datasheet
170Kb / 3P
   1.5 Watt - 20 Volts, Class C Microwave 2300 MHz
1618-35 GHZTECH-1618-35 Datasheet
292Kb / 3P
   35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz
1719-35 GHZTECH-1719-35 Datasheet
229Kb / 2P
   35 Watt - 28 Volts, Class C Microwave 1725 - 1850 MHz
1819-35 GHZTECH-1819-35 Datasheet
206Kb / 2P
   35 Watt - 28 Volts, Class C Microwave 1750 - 1850 MHz
logo
List of Unclassifed Man...
2302 ETC-2302 Datasheet
76Kb / 2P
   2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
GHz Technology
2302 GHZTECH-2302 Datasheet
78Kb / 2P
   2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com