Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF2J Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # UF2J
Description  SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF2J Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF2J Datasheet HTML 1Page - Pan Jit International Inc. UF2J Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
UF2A THRU UF2K
2.4
2.0
1.6
1.2
0.8
0.4
0
0
20
40
60
80
100
120
140
160
SINGLE PHASE HALF
WAVE 60Hz RESISTIVE
OR INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.3×0.3"(8.0×8.0mm)
COPPER PAD AREAS
LEAD TEMPERATURE, ¢J
10
1.0
0.1
.01
0
.4
.6
8
1.0
1.2
1.4
UF2A
UF2G
UF2K
TJ = 25 ¢J
PULSE WIDTH = 300us
2% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
Fig. 2-TYPICAL FORWARD CHARACTERISTICS
PER ELEMENT
30
25
20
15
10
5
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
TJ = 25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 3-MAXIMUM FORWARD SURGE CURRENT
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
100
10
5
1.0
10
100
REVERSE VOLTAGE, VOLTS
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 5-TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
Fig. 6-REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM


Similar Part No. - UF2J

ManufacturerPart #DatasheetDescription
logo
Surge Components
UF2J SURGE-UF2J Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Shenzhen Luguang Electr...
UF2J LUGUANG-UF2J Datasheet
186Kb / 2P
   Surface Mount Rectifiers
logo
SAMYANG ELECTRONICS CO....
UF2J SAMYANG-UF2J Datasheet
458Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Transys Electronics
UF2J TRSYS-UF2J Datasheet
177Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Yea Shin Technology Co....
UF2J YEASHIN-UF2J Datasheet
39Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
More results

Similar Description - UF2J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2A PANJIT-FR2A Datasheet
59Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
FR2A SURGE-FR2A Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
UF2A SURGE-UF2A Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Pan Jit International I...
UF3A PANJIT-UF3A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
S2A PANJIT-S2A Datasheet
58Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Yea Shin Technology Co....
UF1000 YEASHIN-UF1000 Datasheet
75Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes
logo
Pan Jit International I...
UF1000 PANJIT-UF1000 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1000F PANJIT-UF1000F Datasheet
59Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF600 PANJIT-UF600 Datasheet
68Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Yea Shin Technology Co....
UF200G YEASHIN-UF200G Datasheet
38Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com