Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS450 Datasheet(PDF) 2 Page - GHz Technology

Part # TCS450
Description  450 Watts, 45 Volts, Pulsed Avionics 1030 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

TCS450 Datasheet(HTML) 2 Page - GHz Technology

  TCS450 Datasheet HTML 1Page - GHz Technology TCS450 Datasheet HTML 2Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE
THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE
PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TCS450
Following Data is to be provided in the near future.
July 7, 1997


Similar Part No. - TCS450

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS40DLR TOSHIBA-TCS40DLR Datasheet
219Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
TCS40DPR TOSHIBA-TCS40DPR Datasheet
220Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
2015-04-03
More results

Similar Description - TCS450

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
   800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
   400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
   175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS60L MICROSEMI-MDS60L Datasheet
70Kb / 4P
   60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
MDS1100 ADPOW-MDS1100 Datasheet
104Kb / 4P
   1100 Watts, 50 Volts Pulsed Avionics at 1030 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com