Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPR500A Datasheet(PDF) 1 Page - GHz Technology

Part # TPR500A
Description  500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

TPR500A Datasheet(HTML) 1 Page - GHz Technology

  TPR500A Datasheet HTML 1Page - GHz Technology TPR500A Datasheet HTML 2Page - GHz Technology TPR500A Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TPR 500A
500 Watts, 50 Volts, Pulsed
Avionics 1030 - 1090 MHz
GENERAL DESCRIPTION
The TPR 500A is a high power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the frequency band 1030-1090 MHz. The
device has gold thin-film metallization and diffused ballasting for proven
highest MTTF. The transistor includes input prematch for broadband
capaility. Low thermal resistance package reduces junction temperature,
extends life.
CASE OUTLINE
55KT, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
1750 Watts
o2
Maximum Voltage and Current
BVces
Collector to Base Voltage
55 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
40 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
Power Out
Power Input
Power Gain
Collector Efficiency
Load Mismatch Tolerance
F = 1090 MHz
Vcc = 50 Volts
PW = 10
µsec
DF = 1%
F = 1090 MHz
500
5.2
35
150
10:1
Watts
Watts
dB
%
BVebo
BVces
hFE
θjc2
Emitter to Base Breakdown
Collector to Emitter Breakdown
DC - Current Gain
Thermal Resistance
Ie = 30 mA
Ic = 30 mA
Ic = 500 mA, Vce = 5 V
3.5
55
10
0.1
Volts
Volts
C/W
o
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
Initial Issue June, 1994


Similar Part No. - TPR500A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results

Similar Description - TPR500A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500 GHZTECH-TPR500 Datasheet
272Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
   400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
   175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com