Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF802 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # UF802
Description  ULTRAFAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF802 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF802 Datasheet HTML 1Page - Pan Jit International Inc. UF802 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
UF800 THRU UF808
NOTE:1.Rise Time = 7ns max.
Input Impedance = 1 megohm.
22pF
2.Rise Time = 10ns max.
Source Impedance = 50 Ohms
trr
+0.5A
0
-0.25
-1.0
SET TIME
1cm
BASE FOR
50 ns/cm
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
20
16
12
8
4
0
0
50
100
150
CASE TEMPERATURE, ¢J
Fig. 1-TYPICAL FORWARD CURRENT DERATING
CURVE
1000
100
10
1.0
0.1
20
40
60
80
100
120
140
TJ = 125 ¢J
TJ = 25 ¢J
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
125
100
75
50
25
1
2
5
10
20
50
100
TJ = 125 ¢J
8.3ms SINGLE HALF SINCE-
WAVE JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
210
200
160
120
80
40
0
1
2
5
20
50
100
200
500
UF800
UF808
REVERSE VOLTAGE, VOLTS
80
40
20
10
3.0
1.0
0.3
0.1
0.03
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.8
UF800
UF808
FORWARD VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
Fig. 5-TYPICAL FORWARD CURRENT


Similar Part No. - UF802

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF802 WTE-UF802 Datasheet
47Kb / 3P
   8.0A ULTRAFAST GLASS PASSIVATED RECTIFIER
UF802 WTE-UF802 Datasheet
50Kb / 4P
   8.0A GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Pan Jit International I...
UF802 PANJIT-UF802 Datasheet
41Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
UF802 CHENG-YI-UF802 Datasheet
160Kb / 2P
   ULTRAFAST SWITCHING RECTIFIERS
logo
Pan Jit International I...
UF802 PANJIT-UF802 Datasheet
95Kb / 2P
   ULTRAFAST RECOCVEY RECTIFIERS
More results

Similar Description - UF802

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
UF150 TRSYS-UF150 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF600 TRSYS-UF600 Datasheet
156Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
New Jersey Semi-Conduct...
UF600 NJSEMI-UF600 Datasheet
149Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
International Rectifier
10DF6 IRF-10DF6 Datasheet
53Kb / 4P
   ULTRAFAST SWITCHING RECTIFIER
logo
Transys Electronics
UF100 TRSYS-UF100 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF1600 TRSYS-UF1600 Datasheet
176Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF300 TRSYS-UF300 Datasheet
154Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF200 PANJIT-UF200_09 Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Transys Electronics
UF100S TRSYS-UF100S Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
UF200 TRSYS-UF200 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com