Selected language     English  ▼


W005G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. W005G
Description  1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

   
 1 page
background image
PAGE . 1
DATE : 02/09/06
FEATURES
• Ratings to 1000V PRV
• Surge overload rating: 30/50 Amperes peak
• Ideal for printed circuit board
• Reliable construction utilizing molded plastic
• Mounting position:Any
W005G~W10G
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
MECHANICALDATA
Case:Reliable low cost construction utilizing molded
plastic technique results in inexpensive product.
Terminals: Leads solderable per MIL-STD-202,
Method 208
Polarity :Polarity symbols marking on body.
Weight: 0.05 ounce, 1.3 grams
Available with 0.50 inch leads(P/N add suffix ”S”)
For Capacitive load derate current by 20%.
DATA SHEET
MAXIMUMRATINGSANDELECTRICALCHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, Single phase, half wave, 60Hz.
For Capacitive load derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current TA=50°C
Peak Forward Surge Current, 8.3ms singlehalf sine-wave
superimposed on rated load
I2t Rating for fusing ( t < 8.35 ms)
Maximum Forward Voltage Drop per Bridge Element at 1.0A
Maximum Reverse Current at Rated TJ= 25°C
DC Blocking Voltage per element
TJ=100°C
Typical Junction capacitance per leg (Note 1) CJ
Typical Thermal resistance per leg (Note 2) R
θJA
Typical Thermal resistance per leg (Note 2) R
θJA
Operating Temperature Range TJ
Storage Temperature Range TA
UNITS
W005G
50
35
50
V
V
V
1.5
50.0
10.0
1.0
10.0
1.0
24.0
36.0
13.0
-55 to +125
-55 to +150
V
A
A
A2 S
µA
mA
pF
°C/W
°C
°C
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 X 0.47"(12 X 12mm) copper pads.
AM
Unit: inch ( mm )
.220(5.6)
.181(4.6)
.031(0.8)
.028(0.7)
.370(9.4)
.358(9.1)
Bottom View
W10G
1000
700
1000
W01G
100
70
100
W02G
200
140
200
W08G
800
560
800
W06G
600
420
600
W04G
400
280
400




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM1501.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes 1 2 Pan Jit International Inc.
AM1001.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes 1 2 Pan Jit International Inc.
RB151SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes 1 2 Rectron Semiconductor
KBPC1510LIN - LINE SINGLE - PHASE SILICON BRIDGE RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 15.0 AMPERES 1 2 List of Unclassifed Manufacturers
RL151SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere 1 2 Rectron Semiconductor
W005LSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes 1 2 Rectron Semiconductor
PS150PLASTIC SILICON RECTIFIER VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes 1 2 Pan Jit International Inc.
W005MSINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes 1 2 Rectron Semiconductor
FFM201SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes 1 2 Rectron Semiconductor
MP3505SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes 1 2 Rectron Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl