Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFAW025-09 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # YFAW025-09
Description  Pin Header : 2.5mm PITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

YFAW025-09 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  YFAW025-09 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - YFAW025-09

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFAW200 YEONHO-YFAW200 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-02 YEONHO-YFAW200-02 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-03 YEONHO-YFAW200-03 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-04 YEONHO-YFAW200-04 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-05 YEONHO-YFAW200-05 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
More results

Similar Description - YFAW025-09

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFW025A YEONHO-YFW025A Datasheet
215Kb / 1P
   Pin Header : 2.5mm pitch
logo
Adam Technologies, Inc.
DHPH-2C-XX-SG-075-090-285 ADAM-TECH-DHPH-2C-XX-SG-075-090-285 Datasheet
82Kb / 1P
   DUAL ROW PIN HEADER DUAL INSULATOR 2.5MM HEIGHT
logo
SUYIN USA, INC.
250009MA SUYIN-USA-250009MA Datasheet
97Kb / 1P
   2.5mm PITCH PROBE PIN CONNECTOR PIN BATTERY
250009MA002XX00XX SUYIN-USA-250009MA002XX00XX Datasheet
63Kb / 1P
   2.5mm Pitch 2 Probe Pin Battery
logo
Hirose Electric
MDF14A-4P-2.5DS HIROSE-MDF14A-4P-2.5DS Datasheet
124Kb / 3P
   2.5mm Pitch Board to Board Vertical Post Header
logo
Harwin Plc
P20-0445R HARWIN-P20-0445R Datasheet
74Kb / 1P
   PITCH 2.5mm HEIGHT 4.2mm 4-POS POGO PIN CONNECTOR
P20-0345R HARWIN-P20-0345R Datasheet
74Kb / 1P
   PITCH 2.5mm HEIGHT 4.2mm 3-POS POGO PIN CONNECTOR
logo
Switchcraft, Inc.
RAPC712 SWITCH-RAPC712 Datasheet
79Kb / 1P
   POWER JACK, PC MOUNT 0.10 [2.5mm] PIN
RASH712 SWITCH-RASH712 Datasheet
140Kb / 2P
   POWER JACK, HYBRID MOUNT 0.10 [2.5mm] PIN
RASH712P SWITCH-RASH712P Datasheet
144Kb / 2P
   POWER JACK, HYBRID MOUNT 0.10 [2.5mm] PIN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com