Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YFAW254-11 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # YFAW254-11
Description  Pin Header : 2.54mm pitch
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

YFAW254-11 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  YFAW254-11 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - YFAW254-11

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFAW200 YEONHO-YFAW200 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-02 YEONHO-YFAW200-02 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-03 YEONHO-YFAW200-03 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-04 YEONHO-YFAW200-04 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
YFAW200-05 YEONHO-YFAW200-05 Datasheet
251Kb / 1P
   Pin Header : 2mm PITCH
More results

Similar Description - YFAW254-11

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
YFW254 YEONHO-YFW254 Datasheet
204Kb / 1P
   Pin Header : 2.54mm pitch
logo
Wurth Elektronik GmbH &...
6130XX11121 WURTH-6130XX11121 Datasheet
548Kb / 3P
   2.54MM PIN HEADER
6130XX21121 WURTH-6130XX21121 Datasheet
520Kb / 3P
   2.54MM DUAL PIN HEADER
6130XX11021 WURTH-6130XX11021 Datasheet
539Kb / 3P
   2.54MM ANGLED PIN HEADER
logo
Harwin Plc
M20-8770242 HARWIN-M20-8770242 Datasheet
60Kb / 1P
   2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY
M20-8770242R HARWIN-M20-8770242R Datasheet
127Kb / 2P
   2.54mm PITCH SIL SMT VERTICAL PIN HEADER
M20-9970245 HARWIN-M20-9970245 Datasheet
56Kb / 1P
   2.54mm PITCH DIL VERTICAL PIN HEADER ASSEMBLY
logo
DDK Ltd.
HU5-100PNA-R51TD20-FA DDK-HU5-100PNA-R51TD20-FA Datasheet
153Kb / 2P
   2.54mm Pitch Low Profile Pin Header Connectors
logo
Harwin Plc
M20-8760242R HARWIN-M20-8760242R Datasheet
154Kb / 2P
   2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY
M20-8760242 HARWIN-M20-8760242 Datasheet
68Kb / 1P
   2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com