Electronic Components Datasheet Search |
|
HM5116400LS-7 Datasheet(PDF) 1 Page - Hitachi Semiconductor |
|
HM5116400LS-7 Datasheet(HTML) 1 Page - Hitachi Semiconductor |
1 / 33 page HM5116400 Series HM5117400 Series 4,194,304-word 4-bit Dynamic RAM ADE-203-648C (Z) Rev. 3.0 Feb. 27, 1997 Description The Hitachi HM5116400 Series, HM5117400 Series are CMOS dynamic RAMs organized 4,194,304-word 4-bit. They employ the most advanced 0.5 m CMOS technology for high performance and low power. The HM5116400 Series, HM5117400 Series offer Fast Page Mode as a high speed access mode. They have package variations of standard 300-mil 26-pin plastic SOJ and standard 300-mil 26-pin plastic TSOP. Features • Single 5 V ( 10%) • Access time: 50 ns/60 ns/70 ns (max) • Power dissipation Active mode : 495 mW/440 mW/385 mW (max) (HM5116400 Series) : 550 mW/495 mW/440 mW (max) (HM5117400 Series) Standby mode : 11 mW (max) : 0.83 mW (max) (L-version) • Fast page mode capability • Long refresh period 4096 refresh cycles : 64 ms (HM5116400 Series) : 128 ms (L-version) 2048 refresh cycles : 32 ms (HM5117400 Series) : 128 ms (L-version) • 3 variations of refresh -only refresh -before- refresh Hidden refresh • Battery backup operation (L-version) • Test function 16-bit parallel test mode |
Similar Part No. - HM5116400LS-7 |
|
Similar Description - HM5116400LS-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |