Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5116405LS-7 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HM5116405LS-7
Description  16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5116405LS-7 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HM5116405LS-7 Datasheet HTML 1Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 2Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 3Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 4Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 5Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 6Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 7Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 8Page - Hitachi Semiconductor HM5116405LS-7 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
HM5116405 Series, HM5117405 Series
3
Pin Arrangement
26
25
24
23
22
21
19
18
17
16
15
14
1
2
3
4
5
6
8
9
10
11
12
13
VCC
I/O1
I/O2
A11
A10
A0
A1
A2
A3
VCC
VCC
I/O1
I/O2
A11
A10
A0
A1
A2
A3
VCC
V
I/O4
I/O3
A9
A8
A7
A6
A5
A4
V
SS
SS
V
I/O4
I/O3
A9
A8
A7
A6
A5
A4
V
SS
SS
1
2
3
4
5
6
8
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
14
HM5116405S/LS Series
HM5116405TS/LTS Series
(Top view)
(Top view)
Pin Description
Pin name
Function
A0 to A11
Address input
Row/Refresh address
Column address
A0 to A11
A0 to A9
I/O1 to I/O4
Data input/Data output
Row address strobe
Column address strobe
Write enable
Output enable
V
CC
Power supply
V
SS
Ground


Similar Part No. - HM5116405LS-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5116405LS-7 ELPIDA-HM5116405LS-7 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
More results

Similar Description - HM5116405LS-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com