Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5116405TS-7 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HM5116405TS-7
Description  16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5116405TS-7 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HM5116405TS-7 Datasheet HTML 7Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 8Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 9Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 10Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 11Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 12Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 13Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 14Page - Hitachi Semiconductor HM5116405TS-7 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
HM5116405 Series, HM5117405 Series
11
AC Characteristics (Ta = 0 to +70 C, V
CC = 5 V
10%, V
SS = 0 V) *
1, *2, *18
Test Conditions
Input rise and fall time: 2 ns
Input levels: V
IL = 0 V, VIH = 3 V
Input timing reference levels: 0.8 V, 2.4 V
Output timing reference levels: 0.8 V, 2.0 V
Output load: 1 TTL gate + C
L (100 pF) (Including scope and jig)
Read, Write, Read-Modify-Write and Refresh Cycles (Common parameters)
HM5116405/HM5117405
-5
-6
-7
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Random read or write cycle timet
RC
84
104
124
ns
precharge timet
RP
30
40
50
ns
precharge timet
CP
7
10
13
ns
pulse widtht
RAS
50
10000 60
10000 70
10000 ns
pulse widtht
CAS
7
10000 10
10000 13
10000 ns
Row address setup timet
ASR
0
0
0
ns
Row address hold timet
RAH
7
10
10
ns
Column address setup timet
ASC
0
0
0
ns
Column address hold timet
CAH
7
10
13
ns
to
delay timet
RCD
11
37
14
45
14
52
ns3
to column address delay timet
RAD
9
25
12
30
12
35
ns4
hold timet
RSH
10
13
13
ns
hold timet
CSH
35
40
45
ns
to
precharge timet
CRP
5
5
5
ns
to Din delay timet
OED
13
15
18
ns5
delay time from Dint
DZO
0
0
0
ns6
delay time from Dint
DZC
0
0
0
ns6
Transition time (rise and fall)t
T
2
50
2
50
2
50
ns7


Similar Part No. - HM5116405TS-7

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5116405TS-7 ELPIDA-HM5116405TS-7 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
More results

Similar Description - HM5116405TS-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5116100 HITACHI-HM5116100 Datasheet
217Kb / 24P
   16M FP DRAM (16-Mword x 1-bit) 4k Refresh
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com