Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5116400LTS-6 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HM5116400LTS-6
Description  4,194,304 - WORD X 4-BIT DYNAMIC RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5116400LTS-6 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HM5116400LTS-6 Datasheet HTML 6Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 7Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 8Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 9Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 10Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 11Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 12Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 13Page - Hitachi Semiconductor HM5116400LTS-6 Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
HM5116400 Series, HM5117400 Series
10
Capacitance (Ta = 25˚C, V
CC = 5 V
10%)
Parameter
Symbol
Typ
Max
Unit
Notes
Input capacitance (Address)C
I1
5
pF1
Input capacitance (Clocks)C
I2
7
pF1
Output capacitance (Data-in, Data-out)C
I/O
7
pF
1, 2
Notes : 1. Capacitance measured with Boonton Meter or effective capacitance measuring method.
2.
= V
IH to disable Dout.
AC Characteristics (Ta = 0 to +70˚C, V
CC = 5 V
10%, V
SS = 0 V) *
1, *2, *18, *19
Test Conditions
• Input rise and fall time: 5 ns
• Input timing reference levels: 0.8 V, 2.4 V
• Output load: 2 TTL gate + C
L (100 pF) (Including scope and jig)


Similar Part No. - HM5116400LTS-6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
logo
Hitachi Semiconductor
HM5116405LS-5 HITACHI-HM5116405LS-5 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5116405LS-5 ELPIDA-HM5116405LS-5 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
logo
Hitachi Semiconductor
HM5116405LS-6 HITACHI-HM5116405LS-6 Datasheet
316Kb / 35P
   16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
More results

Similar Description - HM5116400LTS-6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
logo
Toshiba Semiconductor
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com