Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C30822 Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # C30822
Description  N-Type Silicon PIN Photodetectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30822 Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  C30822 Datasheet HTML 1Page - PerkinElmer Optoelectronics C30822 Datasheet HTML 2Page - PerkinElmer Optoelectronics C30822 Datasheet HTML 3Page - PerkinElmer Optoelectronics C30822 Datasheet HTML 4Page - PerkinElmer Optoelectronics C30822 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
C30807, C30808, C30809, C30810, C30822, C30831
For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto
All values are nominal; specifications subject to change without notice.
is a registered trademark of PerkinElmer, Inc.
PerkinElmer Optoelectronics
22001 Dumberry Road,
Vaudreuil, Québec
Canada J7V 8P7
Phone: (450) 424-3300
Fax: (450) 424-3411
©2000 PerkinElmer, Inc.
All rights reserved.
0700
Figure 9. Dimensional Outline for C30810
Figure 10. Dimensional Outline for C30822


Similar Part No. - C30822

ManufacturerPart #DatasheetDescription
logo
Powerbox
C308 POWERBOX-C308 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Baumer IVO GmbH & Co. K...
C3080 IVO-C3080 Datasheet
83Kb / 1P
   My-Com precision switches
logo
List of Unclassifed Man...
C3088 ETC-C3088 Datasheet
37Kb / 1P
   1/4 Color Camera Module With Digital Output
logo
Eaton All Rights Reserv...
C308F EATON-C308F Datasheet
767Kb / 5P
   3 mm x 8.4 mm fast-acting, ceramic tube fuses for hazardous applications
logo
Cooper Bussmann, Inc.
C308F-V-100mA COOPER-C308F-V-100mA Datasheet
619Kb / 5P
   Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic tube fuses for barrier applications
More results

Similar Description - C30822

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D171 AGERE-D171 Datasheet
160Kb / 6P
   D171-Type FastLight ??PIN Photodetectors
logo
List of Unclassifed Man...
OSD100-E ETC1-OSD100-E Datasheet
934Kb / 2P
   SILICON PHOTODETECTORS
OSD1-E ETC1-OSD1-E Datasheet
138Kb / 2P
   Silicon Photodetectors
logo
Advanced Photonix, Inc.
SD012-11-41-211 ADVANCEDPHOTONIX-SD012-11-41-211 Datasheet
96Kb / 1P
   InGaAs Photodetectors
logo
OSRAM GmbH
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
   Spectral match with silicon photodetectors
logo
Advanced Photonix, Inc.
SD008-11-41-211 ADVANCEDPHOTONIX-SD008-11-41-211 Datasheet
69Kb / 1P
   InGaAs Photodetectors
SD004-11-41-211 ADVANCEDPHOTONIX-SD004-11-41-211 Datasheet
137Kb / 1P
   InGaAs Photodetectors
SD060-11-41-211 ADVANCEDPHOTONIX-SD060-11-41-211 Datasheet
113Kb / 1P
   InGaAs Photodetectors
logo
Hamamatsu Corporation
G4176 HAMAMATSU-G4176 Datasheet
117Kb / 4P
   ULTRAFAST MSM PHOTODETECTORS
logo
Toshiba Semiconductor
1SV99 TOSHIBA-1SV99 Datasheet
141Kb / 2P
   Silicon Epitaxial Pin Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com