Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12XDQ256 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC9S12XDQ256
Description  16-BIT MICROPROCESSOR FAMILY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12XDQ256 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC9S12XDQ256 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MC9S12XD Family, Rev. 2.14
8
Freescale Semiconductor
Features
144-pin low-profile quad flat-pack (LQFP)
112-pin low-profile quad flat-pack (LQFP)
80-pin quad flat-pack (QFP)
Ambient temperature range -40 C to 125 C
Temperature options:
– -40 C to 85 C
– -40 C to 105 C
– -40 C to 125 C
Supply voltage 3.15V to 5.5V
Internal voltage regulator providing 2.5 V logic supply
– 40 MHz maximum CPU bus frequency in single chip mode
– 80 MHz maximum XGATE bus frequency


Similar Part No. - MC9S12XDQ256

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XDQ256 FREESCALE-MC9S12XDQ256 Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
MC9S12XDQ256 FREESCALE-MC9S12XDQ256 Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - MC9S12XDQ256

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Advanced Micro Devices
80186 AMD-80186 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
logo
Siemens Semiconductor G...
SAB8086 SIEMENS-SAB8086 Datasheet
755Kb / 38P
   16-BIT MICROPROCESSOR
logo
NEC
UPD70236A NEC-UPD70236A Datasheet
10Mb / 199P
   16-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
68000 ETC1-68000 Datasheet
4Mb / 68P
   16-/32-Bit Microprocessor
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
   16/32-bit Microprocessor
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
   16/32-bit microprocessor
November 1990
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intel Corporation
8086 INTEL-8086 Datasheet
623Kb / 30P
   16-BIT HMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com