Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S12XDQ256 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC9S12XDQ256
Description  16-BIT MICROPROCESSOR FAMILY
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12XDQ256 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC9S12XDQ256 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S12XDQ256 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC9S12XD Family, Rev. 2.14
10
Freescale Semiconductor
MC9S12XD Family Block Diagram
512K/384K/256k/128K/64K Byte Flash
32K/20K/16K/14K/12K/8K/4K Byte RAM
Enhanced Capture
RESET
EXTAL
XTAL
SCI0
4K/2K/1K Byte EEPROM
BKGD
R/W/WE
MODB/TAGHI
XIRQ
ECLKX2/XCLKS
VDDR
CPU12X
Periodic Interrupt
COP Watchdog
Clock Monitor
Single-wire Background
Breakpoints
PLL
VSSPLL
XFC
VDDPLL
VDDA
VSSA
VRH
VRL
ATD0
IRQ
LSTRB/LDS/EROMCTL
ECLK
MODA/RE/TAGLO
PA4
PA3
PA2
PA1
PA0
PA7
PA6
PA5
TEST
ADDR12
ADDR11
ADDR10
ADDR9
ADDR8
ADDR15
ADDR14
ADDR13
PB4
PB3
PB2
PB1
PB0
PB7
PB6
PB5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR7
ADDR6
ADDR5
PE3
PE4
PE5
PE6
PE7
PE0
PE1
PE2
AN2
AN6
AN0
AN7
AN1
AN3
AN4
AN5
PAD03
PAD04
PAD05
PAD06
PAD07
PAD00
PAD01
PAD02
IOC2
IOC6
IOC0
IOC7
IOC1
IOC3
IOC4
IOC5
PT3
PT4
PT5
PT6
PT7
PT0
PT1
PT2
RXD
TXD
MISO
MOSI
PS3
PS4
PS5
PS0
PS1
PS2
SCI1
RXD
TXD
PP3
PP4
PP5
PP6
PP7
PP0
PP1
PP2
SCK
SS
PS6
PS7
SPI0
IIC0
SDA
SCL
PJ2 CS1
PJ4 CS0
CAN0
RXCAN
TXCAN
PM1
PM0
CAN1
RXCAN
TXCAN
PM2
PM3
CAN2
RXCAN
TXCAN
PM4
PM5
PM6
PM7
KWH2
KWH6
KWH0
KWH7
KWH1
KWH3
KWH4
KWH5
PH3
PH4
PH5
PH6
PH7
PH0
PH1
PH2
KWJ0
KWJ1
PJ0 CS3
PJ1
Clock and
Reset
Generation
Module
Voltage Regulator
VSSR
Debug Module
VDD1,2
VSS1,2
VREGEN
VDDR1,2
VSSR1,2
Voltage Regulator 3-5V
CAN4
RXCAN
TXCAN
MISO
MOSI
SCK
SS
SPI2
MISO
MOSI
SCK
SS
SPI1
KWP2
KWP6
KWP0
KWP7
KWP1
KWP3
KWP4
KWP5
KWJ2
KWJ4
Timer
PWM2
PWM6
PWM0
PWM7
PWM1
PWM3
PWM4
PWM5
PWM
8 Bit PPAGE
IQSTAT2
IQSTAT0
IQSTAT1
ACC2
PK3
PK6
PK0
PK1
ADDR19
EWAIT
ADDR16
ADDR17
ADDR18 PK2
ACC1
PK4
PK5
ADDR20
ADDR21
ROMCTL/EWAIT
PK7
ADDR22
VRH
VRL
VDDA
VSSA
VRH
VRL
ATD1
AN10
AN14
AN8
AN15
AN9
AN11
AN12
AN13
PAD11
PAD12
PAD13
PAD14
PAD15
PAD08
PAD09
PAD10
VDDA
VSSA
AN18
AN22
AN16
AN23
AN17
AN19
AN20
AN21
PAD19
PAD20
PAD21
PAD22
PAD23
PAD16
PAD17
PAD18
PC4
PC3
PC2
PC1
PC0
PC7
PC6
PC5
DATA12
DATA11
DATA10
DATA9
DATA8
DATA15
DATA14
DATA13
PD4
PD3
PD2
PD1
PD0
PD7
PD6
PD5
DATA4
DATA3
DATA2
DATA1
DATA0
DATA7
DATA6
DATA5
SCI2
RXD
TXD
PJ6
PJ7
PJ5 CS2
KWJ5
KWJ6
KWJ7
VDDX1,2
VSSX1,2
I/O Supply 3-5V
VDDA
VSSA
Analog Supply 3-5V
VDDPLL
VSSPLL
PLL Supply 2.5V
Enhanced Multilevel
Interrupt Module
XGATE
Peripheral Co-Processor
VDD1,2
VSS1,2
Digital Supply 2.5V
Allows 4MByte
Program space
SCI3
RXD
TXD
SCI4
RXD
TXD
SCI5
RXD
TXD
IIC1
SDA
SCL
Timer
4 channel
16 bit with Prescaler
for internal timebases
CAN3
RXCAN
TXCAN
ADDR0
UDS
IQSTAT3
ACC0


Similar Part No. - MC9S12XDQ256

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XDQ256 FREESCALE-MC9S12XDQ256 Datasheet
7Mb / 1350P
   Covers, S12XD, S12XB & S12XA Families
MC9S12XDQ256 FREESCALE-MC9S12XDQ256 Datasheet
7Mb / 1348P
   HCS12X Microcontrollers
More results

Similar Description - MC9S12XDQ256

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Advanced Micro Devices
80186 AMD-80186 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
logo
Siemens Semiconductor G...
SAB8086 SIEMENS-SAB8086 Datasheet
755Kb / 38P
   16-BIT MICROPROCESSOR
logo
NEC
UPD70236A NEC-UPD70236A Datasheet
10Mb / 199P
   16-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
68000 ETC1-68000 Datasheet
4Mb / 68P
   16-/32-Bit Microprocessor
logo
Digital Core Design
D68000 DCD-D68000 Datasheet
137Kb / 4P
   16/32-bit Microprocessor
logo
NXP Semiconductors
SCC68070 PHILIPS-SCC68070 Datasheet
2Mb / 74P
   16/32-bit microprocessor
November 1990
logo
OKI electronic componet...
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
   16-Bit CMOS MICROPROCESSOR
logo
Renesas Technology Corp
80C86 RENESAS-80C86 Datasheet
1Mb / 38P
   CMOS 16-Bit Microprocessor
logo
Intel Corporation
8086 INTEL-8086 Datasheet
623Kb / 30P
   16-BIT HMOS MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com