Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPV-63 Datasheet(PDF) 3 Page - PerkinElmer Optoelectronics

Part # GPV-63
Description  Triggered Vacuum Gaps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GPV-63 Datasheet(HTML) 3 Page - PerkinElmer Optoelectronics

  GPV-63 Datasheet HTML 1Page - PerkinElmer Optoelectronics GPV-63 Datasheet HTML 2Page - PerkinElmer Optoelectronics GPV-63 Datasheet HTML 3Page - PerkinElmer Optoelectronics GPV-63 Datasheet HTML 4Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PerkinElmer Optoelectronics
page 3
CLEARANCE FOR
A NO. 8 SCREW
6 HOLES EQ SPACED
ON A 3.937 DIA B.C.
TYP BOTH ENDS
B
A
"A"
CERAMIC
(GLAZED)
0.500 TYP
REF
4.250
±0.025
DIA TYP
BOTH ENDS
"O"
3.900 DIA
MAX
0.40 TYP
REF
"T"
10-32 UNF THD
TYPE
A
MAX
B
MAX
GPV-63
4.500
RECESSED
GPV-6301
3.625
0.250
GPV-63, GPV-6301
0.256 DIA THRU
6 HOLES EQ SPACED
ON A 3.750 B.C.
TYP BOTH ENDS
(MAIN ELECTRODES)
7.375
±0.125
"O"
0.040
TYP 2 PL
3-1/32 DIA
MAX
"T"
10-32 UNF THD
"A"
4.375 DIA
TYP 2 PL
GPV-6313
6.226 NOM
6-12 MAX
2.00
±0.010
DIA NOM
3.000
DIA NOM
7.162 NOM
7-5/8 MAX
7.040 NOM
7-1/2 MAX
0.300 NOM
3/8 MAX
"O"
0.040 "A"
"T"
10-32
UNF THD
Ø.312 THRU
4 HOLES EQ SPACED
ON A Ø3.750 B.C.
3.31
45
°±0° 30'
3.31
GPV-6322
CERAMIC DIA
2-1/64 MAX
2-1/4 IN. MAX
3 IN. MAX
"A"
3.000 IN.
MAX
0.177 DIA THRU
4 HOLES EQ SPACES
ON A 2.575 B.C.
TYP BOTH ENDS
CERAMIC BODY
"T"
10-32 UNF THD
HEX NUTS
1.780 IN.
REF
"O"
GPV-7013
Mechanical Specifications
Note: Dimensions in inches
All data and specifications subject to change without notice.
“A” = ADJACENT ELECTRODE,
“O” = OPPOSITE ELECTRODE,
“T” = TRIGGER PROBE


Similar Part No. - GPV-63

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
More results

Similar Description - GPV-63

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
PerkinElmer Optoelectro...
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
   Mini-Triggered Spark Gaps and Transformers
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
General Electric Compan...
VT-191 GEC-VT-191 Datasheet
110Kb / 2P
   VACUUM TUBE
logo
Festo Corporation.
185865 FESTO-185865 Datasheet
103Kb / 1P
   Vacuum generator
6/7/22
8049053 FESTO-8049053 Datasheet
109Kb / 2P
   Vacuum generator
6/7/22
537814 FESTO-537814 Datasheet
99Kb / 2P
   Vacuum gauge
8/11/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com