Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPV-6313 Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

Part # GPV-6313
Description  Triggered Vacuum Gaps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GPV-6313 Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  GPV-6313 Datasheet HTML 1Page - PerkinElmer Optoelectronics GPV-6313 Datasheet HTML 2Page - PerkinElmer Optoelectronics GPV-6313 Datasheet HTML 3Page - PerkinElmer Optoelectronics GPV-6313 Datasheet HTML 4Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Triggered Vacume Gaps GPV-Series
* All values are nominal; specifications subject to change without notice.
To request additional information, receive a quote, or place an order, please contact PerkinElmer Optoelectronics at office listed below.
PerkinElmer Optoelectronics
35 Congress Street
Salem, MA 01970
Toll Free: (800) 950-3441 (USA)
Phone: (978) 745-3200
Fax: (978) 745-0894
Copyright © PerkinElmer
All rights reserved
Printed in U.S.A. 10/00
PerkinElmer is a registered trademark of PerkinElmer, Inc.
www.perkinelmer.com/opto
Our Quality and Environmental Policy
“Our goal is to supply our customers
the agreed quantity of specified products and services,
defect free and on time while conducting business
in an environmentally responsible manner”
Marking
PerkinElmer’s trademark, part designation, and date code.
PerkinElmer welcomes inquiries about special types. We would be pleased to discuss the requirements
of your application and the feasibility of designing a type specifically suited to your needs.


Similar Part No. - GPV-6313

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
More results

Similar Description - GPV-6313

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
PerkinElmer Optoelectro...
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
   Mini-Triggered Spark Gaps and Transformers
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
General Electric Compan...
VT-191 GEC-VT-191 Datasheet
110Kb / 2P
   VACUUM TUBE
logo
Festo Corporation.
185865 FESTO-185865 Datasheet
103Kb / 1P
   Vacuum generator
6/7/22
8049053 FESTO-8049053 Datasheet
109Kb / 2P
   Vacuum generator
6/7/22
537814 FESTO-537814 Datasheet
99Kb / 2P
   Vacuum gauge
8/11/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com