Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ54C Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P4SMAJ54C
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMAJ54C Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P4SMAJ54C Datasheet HTML 1Page - Pan Jit International Inc. P4SMAJ54C Datasheet HTML 2Page - Pan Jit International Inc. P4SMAJ54C Datasheet HTML 3Page - Pan Jit International Inc. P4SMAJ54C Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 5
Approve Sheet Part Number: P4SMAJ SERIES
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
e
s
r
e
v
e
R
e
g
a
tl
o
V
ff
o
-
d
n
a
t
S
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
t
s
e
T
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
p
m
a
l
C
.
x
a
M
e
g
a
tl
o
V
e
s
l
u
P
k
a
e
P
t
n
e
rr
u
C
e
g
a
k
c
a
P
VRWM
VBR
I
@ T
IT
I R @VRWM
VC @I PP
I PP
.
n
i
M
.
x
a
M
I
N
U
I
B
I
N
U
I
B
I
N
U
I
B
V
V
V
A
m
µA
µA
V
A
d
e
n
u
i
t
n
o
c
-
-
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
4
3
4
J
A
M
S
4
P
C
3
4
J
A
M
S
4
P
S
J
S
V
3
4
8
.
7
4
5
.
0
6
0
.
1
5
5
7
.
6
7
2
.
5
C
A
4
1
2
-
O
D
/
A
M
S
A
3
4
J
A
M
S
4
P
A
C
3
4
J
A
M
S
4
P
T
J
T
V
3
4
8
.
7
4
9
.
4
5
0
.
1
5
5
4
.
9
6
7
.
5
C
A
4
1
2
-
O
D
/
A
M
S
5
4
J
A
M
S
4
P
C
5
4
J
A
M
S
4
P
U
J
U
V
5
4
0
.
0
5
3
.
3
6
0
.
1
5
5
3
.
0
8
0
.
5
C
A
4
1
2
-
O
D
/
A
M
S
A
5
4
J
A
M
S
4
P
A
C
5
4
J
A
M
S
4
P
V
J
V
V
5
4
0
.
0
5
5
.
7
5
0
.
1
5
5
7
.
2
7
5
.
5
C
A
4
1
2
-
O
D
/
A
M
S
8
4
J
A
M
S
4
P
C
8
4
J
A
M
S
4
P
W
J
W
V
8
4
3
.
3
5
5
.
7
6
0
.
1
5
5
5
.
5
8
7
.
4
C
A
4
1
2
-
O
D
/
A
M
S
A
8
4
J
A
M
S
4
P
A
C
8
4
J
A
M
S
4
P
X
J
X
V
8
4
3
.
3
5
3
.
1
6
0
.
1
5
5
4
.
7
7
2
.
5
C
A
4
1
2
-
O
D
/
A
M
S
1
5
J
A
M
S
4
P
C
1
5
J
A
M
S
4
P
Y
J
Y
V
1
5
7
.
6
5
8
.
1
7
0
.
1
5
5
1
.
1
9
4
.
4
C
A
4
1
2
-
O
D
/
A
M
S
A
1
5
J
A
M
S
4
P
A
C
1
5
J
A
M
S
4
P
Z
J
Z
V
1
5
7
.
6
5
2
.
5
6
0
.
1
5
5
4
.
2
8
9
.
4
C
A
4
1
2
-
O
D
/
A
M
S
4
5
J
A
M
S
4
P
C
4
5
J
A
M
S
4
P
D
R
D
W
4
5
0
.
0
6
0
.
6
7
0
.
1
5
5
3
.
6
9
2
.
4
C
A
4
1
2
-
O
D
/
A
M
S
A
4
5
J
A
M
S
4
P
A
C
4
5
J
A
M
S
4
P
E
R
E
W
4
5
0
.
0
6
0
.
9
6
0
.
1
5
5
1
.
7
8
6
.
4
C
A
4
1
2
-
O
D
/
A
M
S
8
5
J
A
M
S
4
P
C
8
5
J
A
M
S
4
P
F
R
F
W
8
5
4
.
4
6
6
.
1
8
0
.
1
5
5
3
0
1
9
.
3
C
A
4
1
2
-
O
D
/
A
M
S
A
8
5
J
A
M
S
4
P
A
C
8
5
J
A
M
S
4
P
G
R
G
W
8
5
4
.
4
6
1
.
4
7
0
.
1
5
5
6
.
3
9
3
.
4
C
A
4
1
2
-
O
D
/
A
M
S
0
6
J
A
M
S
4
P
C
0
6
J
A
M
S
4
P
H
R
H
W
0
6
7
.
6
6
5
.
4
8
0
.
1
5
5
7
0
1
7
.
3
C
A
4
1
2
-
O
D
/
A
M
S
A
0
6
J
A
M
S
4
P
A
C
0
6
J
A
M
S
4
P
K
R
K
W
0
6
7
.
6
6
7
.
6
7
0
.
1
5
5
8
.
6
9
1
.
4
C
A
4
1
2
-
O
D
/
A
M
S
4
6
J
A
M
S
4
P
C
4
6
J
A
M
S
4
P
L
R
L
W
4
6
1
.
1
7
1
.
0
9
0
.
1
5
5
4
1
1
5
.
3
C
A
4
1
2
-
O
D
/
A
M
S
A
4
6
J
A
M
S
4
P
A
C
4
6
J
A
M
S
4
P
M
R
M
W
4
6
1
.
1
7
8
.
1
8
0
.
1
5
5
3
0
1
9
.
3
C
A
4
1
2
-
O
D
/
A
M
S
0
7
J
A
M
S
4
P
C
0
7
J
A
M
S
4
P
N
R
N
W
0
7
8
.
7
7
6
.
8
9
0
.
1
5
5
5
2
1
2
.
3
C
A
4
1
2
-
O
D
/
A
M
S
A
0
7
J
A
M
S
4
P
A
C
0
7
J
A
M
S
4
P
P
R
P
W
0
7
8
.
7
7
5
.
9
8
0
.
1
5
5
3
1
1
5
.
3
C
A
4
1
2
-
O
D
/
A
M
S
5
7
J
A
M
S
4
P
C
5
7
J
A
M
S
4
P
Q
R
Q
W
5
7
3
.
3
8
7
.
5
0
1
0
.
1
5
5
4
3
1
0
.
3
C
A
4
1
2
-
O
D
/
A
M
S
A
5
7
J
A
M
S
4
P
A
C
5
7
J
A
M
S
4
P
R
R
R
W
5
7
3
.
3
8
8
.
5
9
0
.
1
5
5
1
2
1
3
.
3
C
A
4
1
2
-
O
D
/
A
M
S
8
7
J
A
M
S
4
P
C
8
7
J
A
M
S
4
P
S
R
S
W
8
7
7
.
6
8
8
.
9
0
1
0
.
1
5
5
9
3
1
9
.
2
C
A
4
1
2
-
O
D
/
A
M
S
A
8
7
J
A
M
S
4
P
A
C
8
7
J
A
M
S
4
P
T
R
T
W
8
7
7
.
6
8
7
.
9
9
0
.
1
5
5
6
2
1
2
.
2
C
A
4
1
2
-
O
D
/
A
M
S
5
8
J
A
M
S
4
P
C
5
8
J
A
M
S
4
P
U
R
U
W
5
8
4
.
4
9
2
.
9
1
1
0
.
1
5
5
1
5
1
6
.
2
C
A
4
1
2
-
O
D
/
A
M
S
A
5
8
J
A
M
S
4
P
A
C
5
8
J
A
M
S
4
P
V
R
V
W
5
8
4
.
4
9
2
.
8
0
1
0
.
1
5
5
7
3
1
9
.
2
C
A
4
1
2
-
O
D
/
A
M
S
0
9
J
A
M
S
4
P
C
0
9
J
A
M
S
4
P
W
R
W
W
0
9
0
0
1
5
.
6
2
1
0
.
1
5
5
0
6
1
5
.
2
C
A
4
1
2
-
O
D
/
A
M
S
A
0
9
J
A
M
S
4
P
A
C
0
9
J
A
M
S
4
P
X
R
X
W
0
9
0
0
1
5
.
5
1
1
0
.
1
5
5
6
4
1
7
.
2
C
A
4
1
2
-
O
D
/
A
M
S
0
0
1
J
A
M
S
4
P
C
0
0
1
J
A
M
S
4
P
Y
R
Y
W
0
0
1
1
1
1
0
.
1
4
1
0
.
1
5
5
9
7
1
2
.
2
C
A
4
1
2
-
O
D
/
A
M
S
A
0
0
1
J
A
M
S
4
P
A
C
0
0
1
J
A
M
S
4
P
Z
R
Z
W
0
0
1
1
1
1
0
.
8
2
1
0
.
1
5
5
2
6
1
5
.
2
C
A
4
1
2
-
O
D
/
A
M
S
0
1
1
J
A
M
S
4
P
C
0
1
1
J
A
M
S
4
P
D
S
D
X
0
1
1
2
2
1
5
.
4
5
1
0
.
1
5
5
6
9
1
0
.
2
C
A
4
1
2
-
O
D
/
A
M
S
A
0
1
1
J
A
M
S
4
P
A
C
0
1
1
J
A
M
S
4
P
E
S
E
X
0
1
1
2
2
1
5
.
0
4
1
0
.
1
5
5
7
7
1
3
.
2
C
A
4
1
2
-
O
D
/
A
M
S
0
2
1
J
A
M
S
4
P
C
0
2
1
J
A
M
S
4
P
F
S
F
X
0
2
1
3
3
1
0
.
9
6
1
0
.
1
5
5
4
1
2
9
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
2
1
J
A
M
S
4
P
A
C
0
2
1
J
A
M
S
4
P
G
S
G
X
0
2
1
3
3
1
0
.
3
5
1
0
.
1
5
5
3
9
1
0
.
2
C
A
4
1
2
-
O
D
/
A
M
S
0
3
1
J
A
M
S
4
P
C
0
3
1
J
A
M
S
4
P
H
S
H
X
0
3
1
4
4
1
5
.
2
8
1
0
.
1
5
5
1
3
2
7
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
3
1
J
A
M
S
4
P
A
C
0
3
1
J
A
M
S
4
P
K
S
K
X
0
3
1
4
4
1
5
.
5
6
1
0
.
1
5
5
9
0
2
9
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
5
1
J
A
M
S
4
P
C
0
5
1
J
A
M
S
4
P
L
S
L
X
0
5
1
7
6
1
5
.
1
1
2
0
.
1
5
5
8
6
2
5
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
5
1
J
A
M
S
4
P
A
C
0
5
1
J
A
M
S
4
P
M
S
M
X
0
5
1
7
6
1
5
.
2
9
1
0
.
1
5
5
3
4
2
6
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
6
1
J
A
M
S
4
P
C
0
6
1
J
A
M
S
4
P
N
S
N
X
0
6
1
8
7
1
0
.
6
2
2
0
.
1
5
5
7
8
2
4
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
6
1
J
A
M
S
4
P
A
C
0
6
1
J
A
M
S
4
P
P
S
P
X
0
6
1
8
7
1
0
.
5
0
2
0
.
1
5
5
9
5
2
5
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
7
1
J
A
M
S
4
P
C
0
7
1
J
A
M
S
4
P
Q
S
Q
X
0
7
1
9
8
1
5
.
9
3
2
0
.
1
5
5
4
0
3
3
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
7
1
J
A
M
S
4
P
A
C
0
7
1
J
A
M
S
4
P
R
S
R
X
0
7
1
9
8
1
5
.
7
1
2
0
.
1
5
5
5
7
2
4
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
8
1
J
A
M
S
4
P
C
0
8
1
J
A
M
S
4
P
S
S
S
X
0
8
1
8
9
1
8
.
3
5
2
0
.
1
5
5
2
2
3
2
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
8
1
J
A
M
S
4
P
A
C
0
8
1
J
A
M
S
4
P
T
S
T
X
0
8
1
8
9
1
4
.
0
3
2
0
.
1
5
5
2
9
2
3
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
9
1
J
A
M
S
4
P
C
0
9
1
J
A
M
S
4
P
U
S
U
X
0
9
1
9
0
2
9
.
7
6
2
0
.
1
5
5
0
4
3
2
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
9
1
J
A
M
S
4
P
A
C
0
9
1
J
A
M
S
4
P
V
S
V
X
0
9
1
9
0
2
2
.
3
4
2
0
.
1
5
5
8
0
3
3
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
0
2
J
A
M
S
4
P
C
0
0
2
J
A
M
S
4
P
W
S
W
X
0
0
2
0
2
2
0
.
2
8
2
0
.
1
5
5
8
5
3
1
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
0
2
J
A
M
S
4
P
A
C
0
0
2
J
A
M
S
4
P
X
S
X
X
0
0
2
0
2
2
0
.
6
5
2
0
.
1
5
5
4
2
3
2
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
1
2
J
A
M
S
4
P
C
0
1
2
J
A
M
S
4
P
Y
S
Y
X
0
1
2
1
3
2
1
.
6
9
2
0
.
1
5
5
6
7
3
1
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
1
2
J
A
M
S
4
P
A
C
0
1
2
J
A
M
S
4
P
Z
S
Z
X
0
1
2
1
3
2
8
.
8
6
2
0
.
1
5
5
0
4
3
2
.
1
C
A
4
1
2
-
O
D
/
A
M
S
0
2
2
J
A
M
S
4
P
C
0
2
2
J
A
M
S
4
P
D
G
D
Z
0
2
2
2
4
2
2
.
0
1
3
0
.
1
5
5
4
9
3
0
.
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
2
2
J
A
M
S
4
P
A
C
0
2
2
J
A
M
S
4
P
E
G
E
Z
0
2
2
2
4
2
6
.
1
8
2
0
.
1
5
5
6
5
3
1
.
1
C
A
4
1
2
-
O
D
/
A
M
S


Similar Part No. - P4SMAJ54C

ManufacturerPart #DatasheetDescription
logo
Surge Components
P4SMAJ54C SURGE-P4SMAJ54C Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ54C TRSYS-P4SMAJ54C Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ54C WTE-P4SMAJ54C Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ54C PANJIT-P4SMAJ54C Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Lunsure Electr...
P4SMAJ54C CHENYI-P4SMAJ54C Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results

Similar Description - P4SMAJ54C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
P6SMBJ5.0 YEASHIN-P6SMBJ5.0 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 6 00 Watt Peak Power Pulse
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com