Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPV-7013 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # GPV-7013
Description  Triggered Vacuum Gaps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

GPV-7013 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  GPV-7013 Datasheet HTML 1Page - PerkinElmer Optoelectronics GPV-7013 Datasheet HTML 2Page - PerkinElmer Optoelectronics GPV-7013 Datasheet HTML 3Page - PerkinElmer Optoelectronics GPV-7013 Datasheet HTML 4Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
page 2
PerkinElmer Optoelectronics
Standard Model Operating Characteristics (1)
Type
Number
GPV-63
GPV-6301
GPV-6313
GPV-6322
GPV-7013
Static
Breakdown
Voltage (2,7)
(Kilovolts)
65
50
100
65
40
Maximum
Peak
Current (3)
(Kiloamperes)
50
50
60
60
20
Maximum
Conducted
Charge
per shot (4)
(Coulombs)
0.5
0.5
0.5
0.5
0.3
Contains
Wall
Shield (5)
(Y/N)
N
N
Y
Y
N
Contains
Mercury (6)
(Y/N)
Y
Y
N
N
N
Typical
Operating
Voltage Range
(Kilovolts)
0.3 - 50
0.3 - 40
0.3 - 80
0.3 - 50
0.3 - 32
1.
The operating characteristics shown here are intended as an aid to prelimi-
nary gap selection. The characteristics listed are typical for the indicated
types under standard environmental conditions. The conditions found in
many applications will influence gap operating characteristics; therefore,
some characteristics may not be simultaneously achievable. Prospective
users of these gaps should be aware of the limitations in the data being pre-
sented. Contact PerkinElmer for information concerning the performance to
be expected in the intended application.
2.
SBV is the Static (Self) Breakdown Voltage. It is the dc voltage across the
main gap (between the opposite and adjacent electrodes, O-A) above which
the gap is likely to break down (conduct) with no trigger applied.
3.
The peak current applies for a critically damped discharge. Current reversals
degrade life, so gap operation in the underdamped condition should be
avoided when possible.
4.
In underdamped circuits, each current half-cycle contributes to the total con-
ducted charge, i.e., conducted charge increases independently of the direc-
tion of gap current. Therefore, the total conducted charge, including any “fol-
low-through” current, should not exceed the maximum conducted charge
indicated.
5.
Includes an internal shield to slow deposits of discharge debris on the insu-
lating ceramic.
6.
A small amount of metallic mercury is used in these gaps to aid in the forma-
tion of the initial discharge. These gaps should not be operated above 50°C.
Care should be exercised in the handling and disposal of these gaps.
7.
Proper application of these gaps may require them to be immersed in insulat-
ing oil or gas depending on the operating voltage level and environmental
factors. A method to circumvent electrical breakdown across the outside sur-
faces of the ceramic insulators of the gap may be necessitated in some
uses. Some of the more important factors to consider in determining the
insulation qualities of the environment are altitude (local atmospheric
pressure); humidity; dust; cleanliness; temperature and pulsed versus
dc operation.
Notes
Environmental Specifications
Ambient temperature range
Operating temperature range
-54 to +100°C without mercury, -54 to +50°C with mercury
Nonoperating temperature range
-65 to +125°C
Vibration
15 to 500 Hz at 10 g maximum
Shock
50 g, 11 milliseconds
Thermal Shock
-65 to +125°C
Mechanical Specifications
Envelope
Ceramic-metal, hermetically sealed, exposed metal parts nickel plated.
Torque applied to studs
6 inch-pounds maximum.
Electrical Specifications
Electrode capacity
Less than 5 pf.
Interelectrode resistance
Greater than 1010 ohms at 500 V.


Similar Part No. - GPV-7013

ManufacturerPart #DatasheetDescription
logo
GREATECS
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
More results

Similar Description - GPV-7013

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
logo
Clare, Inc.
TG-221 CLARE-TG-221 Datasheet
77Kb / 3P
   HIGH-ENERGY TRIGGERED SPARK GAPS
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
PerkinElmer Optoelectro...
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
   Mini-Triggered Spark Gaps and Transformers
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
General Electric Compan...
VT-191 GEC-VT-191 Datasheet
110Kb / 2P
   VACUUM TUBE
logo
Festo Corporation.
185865 FESTO-185865 Datasheet
103Kb / 1P
   Vacuum generator
6/7/22
8049053 FESTO-8049053 Datasheet
109Kb / 2P
   Vacuum generator
6/7/22
537814 FESTO-537814 Datasheet
99Kb / 2P
   Vacuum gauge
8/11/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com