Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT12020-21 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AT12020-21
Description  SILICON ABRUPT VARACTOR DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AT12020-21 Datasheet(HTML) 1 Page - Advanced Semiconductor

  AT12020-21 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL
MAXIM
UNITS
VR
IR = 10
µA
120
V
VF
IF = 1 mA
1.0
V
IR
VR = 100 V
100
µµµµA
CT
VR = 4 V
f = 1.0 MHz
36
38
40
pF
∆∆∆∆C
T
CT0/ CT120
f = 1.0 MHz
10.0
---
Q
VR = 4 V
f = 50 MHz
300
---
RS
IF = 10 mA
f = 2400 MHz
0.9
SILICON ABRUPT VARACTOR DIODE
AT12020-21
DESCRIPTION:
The
AT12020-21 is Designed for High
Performance RF and Microwave
Applications Requiring an Abrupt
Variable Capacitance Characteristic.
FEATURES INCLUDE:
• High Tuning Ratio, ∆∆∆∆C
T = 10 MIN.
• High Quality Factor, Q = 300 MIN.
• Hermetic Package, C
P = .20 pF
LS = .42 nH
MAXIMUM RATINGS
IF
200 mA
VR
120 V
PDISS
1.75W @ TC 25
OC
TJ
-55
OC to +150 OC
TSTG
-55
OC to +150 OC
θθθθ
JC
70
OC/W
PACKAGE STYLE 21


Similar Part No. - AT12020-21

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1202 AIMTRON-AT1202 Datasheet
423Kb / 7P
   High Voltage Linear Regulator
AT1202X AIMTRON-AT1202X Datasheet
423Kb / 7P
   High Voltage Linear Regulator
AT1202X-GRE AIMTRON-AT1202X-GRE Datasheet
423Kb / 7P
   High Voltage Linear Regulator
More results

Similar Description - AT12020-21

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AT12016-21 ASI-AT12016-21 Datasheet
22Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
AT12017-21 ASI-AT12017-21 Datasheet
22Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
S3028 ASI-S3028 Datasheet
16Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
AT12015-21 ASI-AT12015-21 Datasheet
24Kb / 1P
   SILICON ABRUPT VARACTOR DIODE
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
MA45334 ASI-MA45334 Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR DIODE
1N5709B ASI-1N5709B Datasheet
17Kb / 1P
   ABRUPT VARACTOR DIODE
MV1648 ASI-MV1648 Datasheet
32Kb / 1P
   SILICON ABRUPT VARACTOR
PC115A ASI-PC115A Datasheet
20Kb / 1P
   SILICON ABRUPT TUNING VARACTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com