Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YW200 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # YW200
Description  2.00mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

YW200 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  YW200 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.00mm (0.079")PITCHCONNECTOR
DIP
Straight
I/NO
TITLE
DESCRIPTION
MATERIAL
1
PA66, UL 94V Grade
YW200
WAFER
2
Brass, Tin plated
PIN
PARTS NO.
A
C
B
Material
YW200 Series
Wire-to-Board
Wafer
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 125V
30mΩ MAX
Withstanding Voltage
AC1000V/1min
Insulation Resistance
1000MΩ MIN
Applicable P.C.B
1.2~1.6mm
Applicable Wire
-
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
E108706
AC/DC 3A
-25℃~+85℃
Specification
Available Pin
17.1
19.1
21.1
13.1
15.1
27.1
29.1
23.1
25.1
31.1
YW200-13
YW200-15
YW200-14
YW200-12
YW200-11
YW200-08
YW200-10
YW200-09
YW200-06
YW200-07
31.9
27.9
29.9
25.9
23.9
17.9
19.9
21.9
15.9
13.9
11.1
9.1
7.1
5.1
YW200-05
YW200-04
YW200-03
YW200-02
7.9
11.9
9.9
5.9
10.0
20.0
22.0
26.0
28.0
24.0
14.0
12.0
16.0
18.0
2.0
4.0
6.0
8.0
2.0 (PITCH)
B
A
3.6
2.6
4.8
Ø1.0
Ø0.6
C
2.0
C
PCB ASS'Y
PCB
PCB LAYOUT
±0.05
±0.1
±0.1


Similar Description - YW200

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
20039WS YEONHO-20039WS Datasheet
263Kb / 1P
   2.00mm PITCH CONNECTOR
YVAW200 YEONHO-YVAW200 Datasheet
137Kb / 1P
   2.00mm PITCH CONNECTOR
YCH200 YEONHO-YCH200 Datasheet
360Kb / 1P
   2.00mm PITCH CONNECTOR
20015HS-NNL YEONHO-20015HS-NNL Datasheet
158Kb / 1P
   2.00mm PITCH CONNECTOR
BMW200 YEONHO-BMW200 Datasheet
237Kb / 1P
   2.00mm PITCH CONNECTOR
SMAW200A YEONHO-SMAW200A Datasheet
288Kb / 1P
   2.00mm PITCH CONNECTOR
YDH200 YEONHO-YDH200 Datasheet
215Kb / 1P
   2.00mm PITCH CONNECTOR
20032WR YEONHO-20032WR Datasheet
224Kb / 1P
   2.00mm PITCH CONNECTOR
20037WR YEONHO-20037WR Datasheet
276Kb / 1P
   2.00mm PITCH CONNECTOR
20039WR YEONHO-20039WR Datasheet
261Kb / 1P
   2.00mm PITCH CONNECTOR
20045HS YEONHO-20045HS Datasheet
196Kb / 1P
   2.00mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com