Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDD16M72D9W Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HDD16M72D9W
Description  DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD16M72D9W Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HDD16M72D9W Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HDD16M72D9W Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HANBit
HDD16M72D9W
URL : www.hbe.co.kr
7
HANBit Electronics Co.,Ltd.
REV 1.0 (November.2002)
AC Timming Parameters & Specifications (These AC charicteristics were tested on the Component)
DDR200
DDR266A
DDR266B
-10A
-13A
-13B
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTE
Row cycle time
tRC
70
65
65
ns
1
Refresh row cycle time
tRFC
80
75
75
ns
1,2
Row active time
tRAS
48
120K
45
120K
45
120K
ns
1,2
/RAS to /CAS delay
tRCD
20
20
20
ns
3
Row precharge time
tRP
20
20
20
ns
3
Row active to Row active delay
tRRD
15
15
15
ns
3
Write recovery time
tWR
15
15
15
tCK
3
Last data in to Read command
tCDLR
1
1
1
tCK
2
Col. address to Col. address delay
tCCD
1
1
1
tCK
CL=2.0
10
12
7.5
12
10
12
ns
Clock cycle time
CL=2.5
tCK
12
7.5
12
7.5
12
ns
Clock high level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
Clock low level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
DQS-out access time from CK/CK
tDQSCK
-0.8
+0.8
-0.75
+0.75
-0.75
+0.75
ns
Output data access time from CK/CK
tAC
-0.8
+0.8
-0.75
+0.75
-0.75
+0.75
ns
Data strobe edge to ouput data edge
tDQSQ
-
+0.6
-
+0.5
-
+0.5
ns
Read Preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read Postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Data out high impedence time from CK-/CK
tHZQ
-0.8
+0.8
-0.75
+0.75
-0.75
+0.75
ns
2
CK to valid DQS-in
tDQSS
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS-in setup time
tWPRES
0
0
0
ns
3
DQS-in hold time
tWPREH
0.25
0.25
0.25
tCK
DQS-in falling edge to CK rising-setup time
tDSS
0.2
0.2
0.2
tCK
DQS-in falling edge to CK rising hold time
tDSH
0.2
0.2
0.2
tCK
DQS-in high level width
tDQSH
0.35
0.35
0.35
tCK
DQS-in low level width
tDQSL
0.35
0.35
0.35
tCK
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Address and Control Input setup time
tIS
1.1
0.9
0.9
ns
Address and Control Input hold time
tIH
1.1
0.9
0.9
ns
Mode register set cycle time
tMRD
16
15
15
ns
DQ & DM setup time to DQS
tDS
0.6
0.5
0.5
ns
DQ & DM hold time to DQS
tDH
0.6
0.5
0.5
ns
DQ & DM input pulse width
tDIPW
2
1.75
1.75
ns
Power down exit time
tPDEX
10
7.5
7.5
ns
Exit self refresh to write command
tXSW
116
95
ns
Exit self refresh to bank active command
tXSA
80
75
75
ns
Exit self refresh to read command
tXSR
200
200
200
Cycle
Refresh interval time
tREF
15.6
15.6
15.6
us
1
Output DQS valid window
tQH
-
-
-
-
-
-
tCK
DQS write postamble time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
4


Similar Part No. - HDD16M72D9W

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9RPW-10A HANBIT-HDD16M72D9RPW-10A Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9RPW-13A HANBIT-HDD16M72D9RPW-13A Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9RPW-13B HANBIT-HDD16M72D9RPW-13B Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
More results

Similar Description - HDD16M72D9W

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HSD16M72D18A HANBIT-HSD16M72D18A Datasheet
188Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Samsung semiconductor
M368L1713CTL SAMSUNG-M368L1713CTL Datasheet
83Kb / 12P
   128MB DDR SDRAM MODULE (16Mx64 based on 16Mx8 DDR SDRAM) Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
logo
Hanbit Electronics Co.,...
HDD16M64D8W HANBIT-HDD16M64D8W Datasheet
200Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx64bit), based on16Mx8,4Banks, 4K Ref., DIMM,
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com