Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDD32M72B18RWP-10A Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HDD32M72B18RWP-10A
Description  DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD32M72B18RWP-10A Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HDD32M72B18RWP-10A Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD32M72B18RWP-10A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HANBit
HDD32M72B18RPW
URL : www.hbe.co.kr
1
HANBit Electronics Co.,Ltd.
REV 1.0 (August.2002)
GENERAL DESCRIPTION
The HDD32M72D18RPW is a 64M x 72 bit Double Data Rate(DDR) Synchronous Dynamic RAM high-density memory
module. The module consists of eighteen CMOS 16M x 8 bit with 4banks DDR SDRAMs in 66pin TSOP-II 400mil packages
and 2K EEPROM in 8-pin TSSOP package on a 184-pin glass-epoxy. Four 0.1uF decoupling capacitors are mounted on
the printed circuit board in parallel for each DDR SDRAM. The HDD32M72D18RPW is a DIMM(Dual in line Memory
Module) .Synchronous design allows precise cycle control with the use of system clock. Data I/O transactions are possible
on both edges of DQS. Range of operating frequencies, programmable latencies and burst lengths allows the same device
to be useful for a variety of high bandwidth, high performance memory system applications. All module components may be
powered from a single 2.5V DC power supply and all inputs and outputs are SSTL_2 compatible.
FEATURES
Part Identification
HDD32M72B18RPW
– 10A : 100MHz (CL=2)
HDD32M72B18RPW
– 13A : 133MHz (CL=2)
HDD32M72B18RPW
– 13B : 133MHz (CL=2.5)
• 256MB(32Mx72) registered DDR DIMM based on 16Mx8 DDR SDRSM
• 2.5V ± 0.2V VDD and VDDQ power supply
• Auto & self refresh capability (4K Cycles / 64ms)
• All input and output are compatible with SSTL_2 interface
• Data(DQ), Data strobes and write masks latched on the rising and falling edges of the clock
• All Addresses and control inputs except Data(DQ), Data strobes and Data masks latched on the rising edges of the clock
• MRS cycle with address key programs
- Latency (Access from column address) : 2, 2.5
- Burst length : 2, 4, 8
- Data scramble : Sequential & Interleave
• Data(DQ), Data strobes and write masks latched on the rising and falling edges of the clock
• All Addresses and control inputs except Data(DQ), Data strobes and Data masks latched on the rising edges of the clock
• The used device is 4M x 8bit x 4Banks DDR SDRAM
DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K
Ref.,
184Pin-DIMM with PLL & Register
Part No. HDD32M72D18RPW


Similar Part No. - HDD32M72B18RWP-10A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72B18RWP-10A HANBIT-HDD32M72B18RWP-10A Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
More results

Similar Description - HDD32M72B18RWP-10A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
logo
DLG Hanbit co.,Ltd.
HSD32M72D18A DLGHANBIT-HSD32M72D18A Datasheet
771Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD32M72D18A HANBIT-HSD32M72D18A Datasheet
178Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18P HANBIT-HSD32M72D18P Datasheet
179Kb / 11P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD32M72D18R HANBIT-HSD32M72D18R Datasheet
177Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx72bit), DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
HDD128M72D18RPW HANBIT-HDD128M72D18RPW Datasheet
447Kb / 14P
   DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com