Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDD128M72D18RPW-13A Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HDD128M72D18RPW-13A
Description  DDR SDRAM Module 1024Mbyte (128Mx72bit), based on 64Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HDD128M72D18RPW-13A Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HDD128M72D18RPW-13A Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HDD128M72D18RPW-13A Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HANBit
HDD128M72D18RPW
URL : www.hbe.co.kr
2
HANBit Electronics Co.,Ltd.
REV 1.0 (January. 2005)
PIN ASSIGNMENT
* : These pins are not used in this module.
PIN
PIN DESCRIPTION
PIN
PIN DESCRIPTION
A0~A12
Address input
VDD
Power supply(2.5V)
BA0~BA1
Bank Select Address
VDDQ
Power supply for DQs(2.5V)
DQ0~DQ63
Data input/output
VREF
Power supply for reference
CB0~CB7
Check Bit
VDDSPD
Serial EEPROM Power supply(3.3)
DQS0~DQS8
Data Strobe input/output
VSS
Ground
DM0~DM8
Data-in Mask
SA0~SA2
Address in EEPROM
CK0~/CK0
Clock input
SDA
Serial data I/O
CKE0~CKE1
Clock enable input
SCL
Serial clock
/CS0~/CS1
Chip Select input
VDDID
VDD identification flag
/RAS
Row Address strobe
NC
No connection
/CAS
Column Address strobe
PIN
Front
PIN
Back
PIN
Frontl
PIN
Back
PIN
Front
PIN
Back
1
VREF
32
A5
62
VDDQ
93
VSS
124
VSS
154
/RAS
2
DQ0
33
DQ24
63
/WE
94
DQ4
125
A6
155
DQ45
3
VSS
34
VSS
64
DQ41
95
DQ5
126
DQ28
156
VDDQ
4
DQ1
35
DQ25
65
/CAS
96
VDDQ
127
DQ29
157
/CS0
5
DQS0
36
DQS3
66
VSS
97
DM0
128
VDDQ
158
/CS1
6
DQ2
37
A4
67
DQS5
98
DQ6
129
DM3
159
DM5
7
VDD
38
VDD
68
DQ42
99
DQ7
130
A3
160
VSS
8
DQ3
39
DQ26
69
DQ43
100
VSS
131
DQ30
161
DQ46
9
NC
40
DQ27
70
VDD
101
NC
132
VSS
162
DQ47
10
/RESET
41
A2
71
* /CS2
102
NC
133
DQ31
163
* /CS3
11
VSS
42
VSS
72
DQ48
103
*A13
134
CB4
164
VDDQ
12
DQ8
43
A1
73
DQ49
104
VDDQ
135
CB5
165
DQ52
13
DQ9
44
CB0
74
VSS
105
DQ12
136
VDDQ
166
DQ53
14
DQS1
45
CB1
75
* CK2
106
DQ13
137
CK0
167
NC
15
VDDQ
46
VDD
76
* /CK2
107
DM1
138
/CK0
168
VDD
16
* CK1
47
DQS8
77
VDDQ
108
VDD
139
VSS
169
DM6
17
* /CK1
48
A0
78
DQS6
109
DQ14
140
DM8
170
DQ54
18
VSS
49
CB2
79
DQ50
110
DQ15
141
A10
171
DQ55
19
DQ10
50
VSS
80
DQ51
111
CKE1
142
CB6
172
VDDQ
20
DQ11
51
CB3
81
VSS
112
VDDQ
143
VDDQ
173
NC
21
CKE0
52
BA1
82
VDDID
113
* BA2
144
CB7
174
DQ60
22
VDDQ
KEY
83
DQ56
114
DQ20
KEY
175
DQ61
23
DQ16
53
DQ32
84
DQ57
115
A12
145
VSS
176
VSS
24
DQ17
54
VDDQ
85
VDD
116
VSS
146
DQ36
177
DM7
25
DQS2
55
DQ33
86
DQS7
117
DQ21
147
DQ37
178
DQ62
26
VSS
56
DQS4
87
DQ58
118
A11
148
VDD
179
DQ63
27
A9
57
DQ34
88
DQ59
119
DM2
149
DM4
180
VDDQ
28
DQ18
58
VSS
89
VSS
120
VDD
150
DQ38
181
SA0
29
A7
59
BA0
90
NC
121
DQ22
151
DQ39
182
SA1
30
VDDQ
60
DQ35
91
SDA
122
A8
152
VSS
183
SA2
31
DQ19
61
DQ40
92
SCL
123
DQ23
153
DQ44
184
VDDSPD


Similar Part No. - HDD128M72D18RPW-13A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDD100 ETC1-HDD100 Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S05-P ETC1-HDD100-24S05-P Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S05-T ETC1-HDD100-24S05-T Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S12-P ETC1-HDD100-24S12-P Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
HDD100-24S12-T ETC1-HDD100-24S12-T Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
More results

Similar Description - HDD128M72D18RPW-13A

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HDD32M72D9RPW HANBIT-HDD32M72D9RPW Datasheet
408Kb / 10P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 32Mx8, 4Banks 8K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18RPW HANBIT-HDD64M72D18RPW Datasheet
160Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., 184Pin-DIMM with PLL & Register
HDD16M72D9RPW HANBIT-HDD16M72D9RPW Datasheet
338Kb / 10P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72D18RPW HANBIT-HDD32M72D18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD32M72B18RPW HANBIT-HDD32M72B18RPW Datasheet
158Kb / 12P
   DDR SDRAM Module 256Mbyte (32Mx72bit), based on 16Mx8, 4Banks, 4K Ref., 184Pin-DIMM with PLL & Register
HDD64M72D18W HANBIT-HDD64M72D18W Datasheet
178Kb / 12P
   DDR SDRAM Module 512Mbyte (64Mx72bit), based on 32Mx8, 4Banks, 8K Ref., with 184Pin-DIMM
HDD16M72D9W HANBIT-HDD16M72D9W Datasheet
152Kb / 11P
   DDR SDRAM Module 128Mbyte (16Mx72bit), based on 16Mx8, 4Banks 4K Ref., 184Pin-DIMM with Unbuffered ECC
logo
Samsung semiconductor
M390S6450CT1 SAMSUNG-M390S6450CT1 Datasheet
220Kb / 12P
   64Mx72 SDRAM DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V Synchronous DRAMs with SPD
M390S2858DT1 SAMSUNG-M390S2858DT1 Datasheet
239Kb / 12P
   128Mx72 SDRAM DIMM with PLL & Register based on Stacked 128Mx4, 4Banks 8K Ref., 3.3V SDRAMs with SPD
logo
Hanbit Electronics Co.,...
HSD64M72D18RP HANBIT-HSD64M72D18RP Datasheet
201Kb / 11P
   Synchronous DRAM Module 512Mbyte (64Mx72bit), DIMM with PLL & Register based on 64Mx4, 4Banks, 8K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com