Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDOM40C-032S1 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # HFDOM40C-032S1
Description  40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HFDOM40C-032S1 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  HFDOM40C-032S1 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HFDOM40C-032S1 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HANBit
HFDOM40C-xxxSx
URL : www.hbe.co.kr
2 / 10
HANBit Electronics Co., Ltd
.
REV 1.0 (March.2003)
ELECTRICAL SPECIFICATIONS
Table 1.1 Absolute Maximum Ratings
Symbol
Parameter
Ratings
Unit
VDD
Supply voltage
- 0.3 to + 7.0
V
VIN
Input voltage
- 0.3 to + 7.0
V
IIN
DC input current
- 10
mA
TSTG
Storage temperature
- 10 to + 85
° C
Table 1.2 Recommended Operating Conditions
Symbol
Parameter
Ratings
Unit
5V
4.75 to 5.25
V
VDD
DC Supply voltage
3.3V
3.0 to 3.6
V
Ta
Storage temperature
- 0 to +70
° C
Table 1.3 DC Characteristics
(Ta=0
° C to 70° C, V
DD=3.0 to 5.0V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
IDD
Operating Current
30
70
mA
Ids
Stop Current
100
µA
VDD
High Level Output Voltage
2.4
V
VDD
Low Level Output Voltage
0.4
V
CAPACITY SPECIFICATIONS
Table 1.4 Capacity Specifications
Part Number
Capacity (Unformatted)
Total Sector
Cylinders
Heads
Sectors
HFDOM40C-008Sx
7,864,320 bytes
15,360
30
16
32
HFDOM40C-016Sx
15,990,784 bytes
31,232
61
16
32
HFDOM40C-032Sx
32,243,712 bytes
62,976
123
16
32
HFDOM40C-064Sx
65,536,000 bytes
128,000
250
16
32
HFDOM40C-128Sx
131,858,432 bytes
257,536
503
16
32
HFDOM40C-192Sx
196,608,000 bytes
384,000
750
16
32
HFDOM40C-256Sx
265,027,584 bytes
517,632
1011
16
32
HFDOM40C-384Sx
395,837,440 bytes
773,120
1510
16
32
HFDOM40C-512Sx
531,890,176 bytes
1,038,848
2029
16
32


Similar Part No. - HFDOM40C-032S1

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40B-016S1 HANBIT-HFDOM40B-016S1 Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-016SX HANBIT-HFDOM40B-016SX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-032S1 HANBIT-HFDOM40B-032S1 Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-032S2 HANBIT-HFDOM40B-032S2 Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-032SX HANBIT-HFDOM40B-032SX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - HFDOM40C-032S1

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MRXXX HANBIT-HFDOM40MRXXX Datasheet
117Kb / 16P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com