Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C5V6LT1 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # BZX84C5V6LT1
Description  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

BZX84C5V6LT1 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  BZX84C5V6LT1 Datasheet HTML 1Page - E-Tech Electronics LTD BZX84C5V6LT1 Datasheet HTML 2Page - E-Tech Electronics LTD BZX84C5V6LT1 Datasheet HTML 3Page - E-Tech Electronics LTD BZX84C5V6LT1 Datasheet HTML 4Page - E-Tech Electronics LTD BZX84C5V6LT1 Datasheet HTML 5Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
J2–4/5
TYPICAL CHARACTERISICS
GENERAL DATA — 225mW SOT–23
1000
100
10
1
1
10
100
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
1020
30
40
5060
70
80
90
100
10
1
0.1
0
02
4
6
8
10
12
10
30
50
70
90
100
10
1
0.1
0.01
BIAS AT
50% OF V Z NOM
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 5. Typical Capacitance
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 6. Typical Leakage Current
V Z , ZENER VOLTAGE (V)
Figure 7. Zener Voltage versus Zener Current
(V Z Up to 12 V)
V Z , ZENER VOLTAGE (V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
T A = 25°C
0 V BIAS
1 V BIAS
T A = 25°C
T A = 25°C
+150°C
+25°C
–55°C


Similar Part No. - BZX84C5V6LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C5V6LT1 LRC-BZX84C5V6LT1 Datasheet
171Kb / 5P
   SEMICONDUCTOR(TECHNICAL DATA)
logo
ON Semiconductor
BZX84C5V6LT1 ONSEMI-BZX84C5V6LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
logo
Motorola, Inc
BZX84C5V6LT1 MOTOROLA-BZX84C5V6LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
BZX84C5V6LT1 ONSEMI-BZX84C5V6LT1 Datasheet
79Kb / 7P
   Zener Voltage Regulators
October, 2005 ??Rev. 11
logo
PACELEADER INDUSTRIAL
BZX84C5V6LT1 PACELEADER-BZX84C5V6LT1 Datasheet
180Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZX84C5V6LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com