Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G08 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # MC74VHC1G08
Description  2-Input AND Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MC74VHC1G08 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  MC74VHC1G08 Datasheet HTML 1Page - E-Tech Electronics LTD MC74VHC1G08 Datasheet HTML 2Page - E-Tech Electronics LTD MC74VHC1G08 Datasheet HTML 3Page - E-Tech Electronics LTD MC74VHC1G08 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VH8–1/4
V2d
MC74VHC1G08
V2d
1
3
2
4
5
TSOP–5/SOT–23/SC–59
DT SUFFIX
CASE 483
The MC74VHC1G08 is an advanced high speed CMOS 2–input AND gate fabricated with silicon gate CMOS technology. It achieves
high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power issipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The MC74VHC1G08 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage.
This allows the MC74VHC1G08 to be used to interface 5 V circuits to 3 V circuits.
• High Speed: t PD = 3.5 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 62; Equivalent Gates = 15
SC–88A / SOT–353/SC–70
DF SUFFIX
CASE 419A
1
3
2
4
5
MARKING DIAGRAMS
Pin 1
d = Date Code
Pin 1
d = Date Code
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
PIN ASSIGNMENT
1
IN B
2
IN A
3
GND
4
OUT Y
5V CC
FUNCTION TABLE
Inputs
Output
AB
Y
LL
L
LH
L
HL
L
HH
H
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 4 of this data sheet.
2-Input AND Gate


Similar Part No. - MC74VHC1G08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
183Kb / 8P
   2-Input AND Gate
December, 1999 ??Rev. 3
logo
Leshan Radio Company
MC74VHC1G08 LRC-MC74VHC1G08 Datasheet
132Kb / 4P
   2-Input AND Gate
logo
ON Semiconductor
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
499Kb / 15P
   Single 2-Input AND Gate
March, 2022 ??Rev. 29
More results

Similar Description - MC74VHC1G08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com