Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1917 Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # LC1917
Description  Low-Profile Analog Line Scan Camera
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC1917 Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  LC1917 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC1917 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Analog Line Scan Cameras
www.perkinelmer.com/opto
Table 4. Camera Specifications
DSP-205.01A - 4/2001W Page 5
Figure 5. Outline Drawings
2.00
(50.80)
0.75
(19.05)
3.077
(78.15)
FRONT VIEW
2.00
(50.80)
0.750
(19.05)
FACEPLATE VIEW
Pixel 1
Indicator
0.500
(12.70)
Sensor
0.375 (19.525)
1.772
(45.00)
• Sensor maximum angular error is ±15 milliradians
• Optical surface of sensor is 2.7 mm (± 10%) from
surface of camera
SIDE VIEW
M3 x 10 mm deep
3.077
(78.15)
MEASUREMENTS IN INCHES (MM)
0.750
(19.05)
Characteristic
Min
Typ
Max
Unit
Active Pixel Count
-
1024
-
elements
Pixel Size
-
14 x 14
-
µm
Pixel Spacing
-
14
-
µm
Spectral Response
250
-
1000
nm
Dynamic Range4
-
2500:1
-
Ratio
Video Data Rate
1
-
5
MHz
Video Saturation Level
Typical (100 )
-
0.75
-
V
Differential (100 )
-
1.4
-
V
Gain Control
1
-
2.5
Factor
Dark Offset
-0.1
0
0.1
V
Saturation to FPN Dynamic Range
-
40
-
dB
Light Response Non-Uniformity1,2
-
±3
±6
%
Saturation Exposure3
-
0.15
-
µJ/cm2
Photo Response Non-Uniformity
-
±10
-
%
Weight
-
-
20
ounces
Cable Length
-
-
10
meters
Operating Temperature
0
-
55
°Celsius
Storage Temperature
-40
-
80
°Celsius
Notes
1. 635 nm
2. At 50% light saturation
3. 500 nm
4. Dynamic Range = VSAT/rms noise.
O
O


Similar Part No. - LC1917

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC191 SEOUL-LC191 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC191 SEOUL-LC191 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC1917

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
Hamamatsu Corporation
C4880-80 HAMAMATSU-C4880-80 Datasheet
79Kb / 2P
   Fast scan multi format Cooled CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
C10854 HAMAMATSU-C10854_15 Datasheet
596Kb / 7P
   Near infrared line camera (Line rate: 31.25 kHz)
logo
ams AG
4LS AMSCO-4LS Datasheet
3Mb / 115P
   4LS15K, 4LS10K and 4LS5K Line Scan Sensors
v3-01 2022-Nov-17
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
logo
List of Unclassifed Man...
SAD4096 ETC-SAD4096 Datasheet
180Kb / 7P
   ANALOG DELAY LINE
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com