Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1GT50DTT3 Datasheet(PDF) 4 Page - E-Tech Electronics LTD

Part # MC74VHC1GT50DTT3
Description  Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

MC74VHC1GT50DTT3 Datasheet(HTML) 4 Page - E-Tech Electronics LTD

  MC74VHC1GT50DTT3 Datasheet HTML 1Page - E-Tech Electronics LTD MC74VHC1GT50DTT3 Datasheet HTML 2Page - E-Tech Electronics LTD MC74VHC1GT50DTT3 Datasheet HTML 3Page - E-Tech Electronics LTD MC74VHC1GT50DTT3 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VHT50–4/4
MC74VHC1GT50
Figure 4. Switching Waveforms
*Includes all probe and jig capacitance
Figure 5. Test Circuit
DEVICE ORDERING INFORMATION
Device Nomenclature
MC74VHC1GT50DFT1
MC
74
VHC1G
T50
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
MC74VHC1GT50DFT2
MC
74
VHC1G
T50
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
MC74VHC1GT50DFT4
MC
74
VHC1G
T50
DF
T4
SC–70/SC–88A/
330 mm (13 in)
SOT–353
10,000 Unit
MC74VHC1GT50DTT1
MC
74
VHC1G
T50
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
MC74VHC1GT50DTT3
MC
74
VHC1G
T50
DT
T3
SOT–23/TSOPS/
330 mm (13 in)
SC–59
10,000 Unit
Device
Order Number Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape &
Reel
Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
3.0V
V
OH
V
OL
Y


Similar Part No. - MC74VHC1GT50DTT3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MC74VHC1GT50DTT3 LRC-MC74VHC1GT50DTT3 Datasheet
205Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results

Similar Description - MC74VHC1GT50DTT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT50A ONSEMI-MC74VHCT50A Datasheet
76Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
July, 2001??Rev. 3
logo
Leshan Radio Company
MC74VHC1GT50 LRC-MC74VHC1GT50 Datasheet
205Kb / 4P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT125 ONSEMI-MC74VHC1GT125 Datasheet
105Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
December, 2003 ??Rev. 8
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_07 Datasheet
87Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 13
MC74VHCT50A ONSEMI-MC74VHCT50A_V01 Datasheet
245Kb / 8P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
March, 2014 ??Rev. 9
MC74VHCT50A ONSEMI-MC74VHCT50A_07 Datasheet
92Kb / 7P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
January, 2007??Rev. 6
MC74VHC1GT125 ONSEMI-MC74VHC1GT125_07 Datasheet
89Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
Leshan Radio Company
L74VHC1GT04 LRC-L74VHC1GT04 Datasheet
372Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT04 ETL-MC74VHC1GT04 Datasheet
581Kb / 4P
   Inverting Buffer / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_09 Datasheet
134Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter with LSTTL.Compatible Inputs
May, 2012 ??Rev. 15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com