Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1917HAN-011 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # LC1917HAN-011
Description  Low-Profile Analog Line Scan Camera
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC1917HAN-011 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  LC1917HAN-011 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC1917HAN-011 Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.perkinelmer.com/opto
LC1917 Series Cameras
Low-Profile Analog Line Scan Camera
Lighting
Imaging
Telecom
Imaging Product Line
DSP-205.01A - 4/2001W Page 1
Description
In the LC1917 analog line scan camera,
PerkinElmer has combined the best
features of photodiode array detection,
high-speed charge-coupled scanning,
and analog line scan camera
technology to offer an uncompromising
solution to the increasing demands of
advanced imaging applications.
The LC1917 is a low profile analog line
scan camera. The LC1917 features a
single channel differential analog video
output format, with a resolution of
1024 pixels, which can achieve data
rates of up to 5 MHz with exceptional
noise immunity. It is designed for
volume applications where a small
profile is required.
One feature of typical line scan
cameras is a square profile face. While
this shape is unavoidable for area scan
cameras, it does not take advantage of
the long, thin active area of linear arrays.
The LC1917’s flat faceplate measures
0.75” high by 2” wide. This size allows
the user to install multiple LC1917s
into an area scarcely big enough for
even the smallest square front profile
line scan camera.
The LC1917 converts light imaged
during a scene into an analog video
signal. The amplitude of the video sig-
nal is a linear function of the incident
illumination taken from the scene.
Antiblooming structures within the
sensor ensure superior performance
over a wide range of lighting condi-
tions. User-defined control is possible
for line rate, integration time and
video data rate.
LC1917 cameras may be interfaced to
most frame grabber cards, allowing for a
tested, plug and play solution. Typical
high performance line scan applications
include position monitoring, edge and
spot tracking, and acquisition of any
image generated by shadows, light
beams, or external optics.
Features
5 MHz output rate
Geometrically precise 14 µm square
pixel CCD
Small size: 0.75”H x 2”W x 3.077”L
High dynamic range (2500:1)
Antiblooming control
CE Mark
Adjustable gain and dark offset
levels
Line scan rates to 4.7 kHz
Differential digital I/O signals for
electrical noise immunity


Similar Part No. - LC1917HAN-011

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC191 SEOUL-LC191 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC191 SEOUL-LC191 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC191 SEOUL-LC191 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC1917HAN-011

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
Hamamatsu Corporation
C4880-80 HAMAMATSU-C4880-80 Datasheet
79Kb / 2P
   Fast scan multi format Cooled CCD Camera
C7390 HAMAMATSU-C7390 Datasheet
137Kb / 4P
   X-Ray Line Sensor Camera
C10854 HAMAMATSU-C10854_15 Datasheet
596Kb / 7P
   Near infrared line camera (Line rate: 31.25 kHz)
logo
ams AG
4LS AMSCO-4LS Datasheet
3Mb / 115P
   4LS15K, 4LS10K and 4LS5K Line Scan Sensors
v3-01 2022-Nov-17
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS Datasheet
58Kb / 2P
   Low Profile Analog Laser Sensor
logo
List of Unclassifed Man...
SAD4096 ETC-SAD4096 Datasheet
180Kb / 7P
   ANALOG DELAY LINE
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com