Electronic Components Datasheet Search |
|
LC3011PGN-022 Datasheet(PDF) 7 Page - PerkinElmer Optoelectronics |
|
LC3011PGN-022 Datasheet(HTML) 7 Page - PerkinElmer Optoelectronics |
7 / 8 page www.perkinelmer.com/opto Analog Line Scan Camera DSP-201.01D - 4/2002 Page 7 User Connections The connector on the LC3000-series camera is a 25-pin D-type male connector. All user connections are via this connector. It contains all com- munications, output, and power con- nections needed for camera operation. Refer to Table 5 for pinout locations and details. Camera Performance The camera head is housed in a rugged, one-piece, deep drawn aluminum case, measuring 2.5"H x 2.5"W x 2.72"L (excluding lens mounts or connector extensions) specifically designed for industrial applications. The sensor is mounted on an aluminum plate that efficiently transfers heat to the camera case. The camera is provided with a standard 1 /4"-20 UNC tripod mounting block, which can be attached to any of the four sides of the camera. The mount- ing holes used to attach the tripod block can also be used to mount the camera assembly. The recommended mounting method for the LC3000- series is attaching the camera to the desired location using the faceplate of the housing. The faceplate mounting screws should have a maximum inser- tion depth of 0.25" (6.35 mm). This mounting method results in the most advantageous use of the one-piece faceplate design and provides a highly stable reference surface to the optical plane of the CCD sensor. Additionally, the CCD sensor is thermally coupled to the faceplate of the camera, and the conductive cooling of this surface is useful in minimizing thermally gener- ated dark current and noise of the camera system. Optical Interface The LC3000-series cameras are equipped with a U-Mount lens inter- face (MA2-1-6H) that is aligned to the CCD sensor. Adapters are available to accept ‘C’, ‘U’, or ‘F’ (Nikon Bayonet) lens. These standard adapters allow the user to select the optimum lens to suit their particular application. For assistance in choosing camera adapters, extensions, and lenses, contact PerkinElmer. Table 6. Camera Specifications Characteristic Min Typ High Unit Pixel Spacing - 14 - µm Aperture Width - 14 - µm Spectral Response 350 - 1000 nm Window - Glass - - Anti-Blooming - Yes - - Full Scale Output - 0.75 - V Output Impedance - 100 - ohm DC Offset 0 - 45 mV Exposure Time - - 20 mS Line Period LC3011 55.4 - - µs LC3012 106.6 - - µs LC3013 209.0 - - µs LC3021 27.7 - - µs LC3022 53.3 - - µs LC3023 104.5 - - µs Fixed Pattern Noise - - 15 mV Photo Response Non-Uniformity (PRNU) - - ±10 % Random Noise, rms - - 1.5 mV Noise Equivalent Exposure - 0.06 - nJ/cm2 Dynamic Range - 500:1 - Range 50% Full Scale Exposure1 - 0.015 - µJ/cm2 Photo Response - 25 - V/µJ/cm2 Weight - 15 - ounces Dimensions - 2.5 x 2.5 x 2.72 - inches Lens Mount - U-Mount - - Random Vibration - 30 - g,RMS Shock (6 axis without lens), Peak - 300 - g Operating Temperature -20 - 55 ˚C Storage Temperature -40 - 80 ˚C Input Voltage 11.5 12 24 VDC Current @12 VDC2 - 480 - mA Input Power - 6 - W Table 5. Pin Assignments Pin Signal Description Pin Signal Description 1 N/C No Connection 14 Power Return Input Power Common 2 N/C No Connection 15 MCLK+ Master Clock+ 3 CCLK+ Camera Clock+ 16 CCLK- Camera Clock- 4 MCLK- Master Clock- 17 LT+ External Line Transfer+ 5 N/C No Connection 18 LT- Extenal Line Transfer- 6 N/C No Connection 19 CLT- Camera Line Transfer- 7 CLT+ Camera Line Transfer+ 20 LEN+ Line Enable+ 8 LEN- Line Enable- 21 N/C No Connection 9 N/C No Connection 22 LR- Line Reset- 10 LR+ Line Reset+ 23 N/C No Connection 11 N/C No Connection 24 Video+ Analog Video+ 12 Video- Analog Video- 25 N/C No Connection 13 Power Input DC Power Notes: 1. Measured with 635 nm light source. 2. LC3013PGN-011 12586 Final Art 2 5/9/01 4:51 PM Page 7 |
Similar Part No. - LC3011PGN-022 |
|
Similar Description - LC3011PGN-022 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |