Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194D225X0004A2T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 194D225X0004A2T
Description  Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

194D225X0004A2T Datasheet(HTML) 5 Page - Vishay Siliconix

  194D225X0004A2T Datasheet HTML 1Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 2Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 3Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 4Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 5Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 6Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 7Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 8Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
128
194D
Vishay Sprague
Document Number 40000
Revision 05-Jul-02
For technical questions, contact tantalum@vishay.com
STANDARD / EXTENDED RATINGS
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
Max. DCL
@ + 25
°C
(
µA)
Max. DF
@ + 25
°C
120 Hz
(%)
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 38 V
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
A
A
B
B
C
D
E
F
F
G
H
H
4
4
4
4
4
4
4
6
6
6
6
6
.5
.5
.5
.5
.5
.5
.5
.8
1.1
1.7
2.4
3.4
194D104X_050A2
194D154X_050A2
194D224X_050B2
194D334X_050B2
194D474X_050C2
194D684X_050D2
194D105X_050E2
194D155X_050F2
194D225X_050F2
194D335X_050G2
194D475X_050H2
194D685X_050H2
• Preliminary values, contact factory for availability. For 10% tolerance, specify “9”; for 20% tolerance, change to “0”. Extended Ratings in bold print.
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
4.7
6.8
6.8
10
15
4
4
4
4
4
4
4
6
6
6
6
6
6
6
6
6
.5
.5
.5
.5
.5
.5
.5
.5
.8
1.2
1.6
1.6
2.4
2.4
3.5
5.3
194D104X_035A2
194D154X_035A2
194D224X_035A2
194D334X_035B2
194D474X_035B2
194D684X_035C2
194D105X_035D2
194D155X_035E2
194D225X_035F2
194D335X_035F2
194D475X_035F2
194D475X_035G2
194D685X_035G2
194D685X_035H2
194D106X_035H2
194D156X_035H2
A
A
A
B
B
C
D
E
F
F
F
G
G
H
H
H
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
25 WVDC @ + 85
°C, SURGE = 32 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
0.33
0.47
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
6.8
10
10
15
22
A
A
B
B
C
D
E
F
F
F
G
F
G
H
H
194D334X_025A2
194D474X_025A2
194D474X_025B2
194D684X_025B2
194D105X_025C2
194D155X_025D2
194D225X_025E2
194D335X_025F2
194D475X_025F2
194D685X_025F2
194D685X_025G2
194D106X_025F2
194D106X_025G2
194D156X_025H2
194D226X_025H2
.5
.5
.5
.5
.5
.5
.6
.8
1.2
1.7
1.7
2.5
2.5
3.8
5.5
4
4
4
4
4
6
6
6
6
6
6
6
6
6
6


Similar Part No. - 194D225X0004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
194D225X0004A2T VISHAY-194D225X0004A2T Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results

Similar Description - 194D225X0004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
194D VISHAY-194D_17 Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com