Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

194D225X0004A2T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 194D225X0004A2T
Description  Solid Tantalum Chip Capacitors MIDGET Conformal Coated
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

194D225X0004A2T Datasheet(HTML) 3 Page - Vishay Siliconix

  194D225X0004A2T Datasheet HTML 1Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 2Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 3Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 4Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 5Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 6Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 7Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 8Page - Vishay Siliconix 194D225X0004A2T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
126
194D
Vishay Sprague
Document Number 40000
Revision 05-Jul-02
For technical questions, contact tantalum@vishay.com
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER*
Max. DCL
@ + 25
°C
(
µA)
Max. DF @ + 25
°C
120 Hz
(%)
6 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
6
6
6
6
6
6
6
6
6
8
8
8
194D156X_006E2
194D156X_006F2
194D226X_006F2
194D336X_006F2
194D336X_006G2
194D476X_006F2
194D476X_006G2
194D686X_006G2
194D686X_006H2
194D107X_006H2
194D127X_006H2
194D157X_006H2
1.0
1.0
1.4
2.1
2.1
3.0
3.0
4.3
4.3
6.0
7.2
9.0
15
15
22
33
33
47
47
68
68
100
120
150
E
F
F
F
G
F
G
G
H
H
H
H
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 9 V
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.7
0.7
1.0
1.0
1.5
1.5
2.2
2.2
3.3
3.3
4.7
4.7
6.8
10.0
12.0
4
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
6
8
8
1.0
1.5
1.5
2.2
2.2
3.3
3.3
4.7
4.7
6.8
6.8
10
10
15
15
22
22
33
33
47
47
68
100
120
A
A
B
A
B
B
C
C
D
D
E
E
F
E
F
F
G
F
G
G
H
H
H
H
194D105X_010A2
194D155X_010A2
194D155X_010B2
194D225X_010A2
194D225X_010B2
194D335X_010B2
194D335X_010C2
194D475X_010C2
194D475X_010D2
194D685X_010D2
194D685X_010E2
194D106X_010E2
194D106X_010F2
194D156X_010E2
194D156X_010F2
194D226X_010F2
194D226X_010G2
194D336X_010F2
194D336X_010G2
194D476X_010G2
194D476X_010H2
194D686X_010H2
194D107X_010H2
194D127X_010H2
STANDARD / EXTENDED RATINGS
• Preliminary values, contact factory for availability. For 10% tolerance, specify “9”; for 20% tolerance, change to “0”. Extended Ratings in bold print.
6 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
1.5
2.2
2.2
3.3
3.3
4.7
4.7
6.8
6.8
10
10
A
A
B
A
B
B
C
C
D
D
E
194D155X_006A2
194D225X_006A2
194D225X_006B2
194D335X_006A2
194D335X_006B2
194D475X_006B2
194D475X_006C2
194D685X_006C2
194D685X_006D2
194D106X_006D2
194D106X_006E2
6
6
6
6
6
6
6
6
6
6
6
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.6


Similar Part No. - 194D225X0004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
194D225X0004A2T VISHAY-194D225X0004A2T Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results

Similar Description - 194D225X0004A2T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
195D476X0020R2T VISHAY-195D476X0020R2T Datasheet
348Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 28-Jun-13
695D VISHAY-695D Datasheet
198Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated
Revision 15-Feb-05
195D VISHAY-195D Datasheet
125Kb / 1P
   Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated
Revision: 16-May-06
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D VISHAY-195D_08 Datasheet
118Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated
Revision: 05-May-08
194D VISHAY-194D_17 Datasheet
309Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com