Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXO-7531 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GXO-7531
Description  3.3V CMOS Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXO-7531 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GXO-7531 Datasheet HTML 1Page - Golledge Electronics Ltd GXO-7531 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Information
GXO-7531
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
10 Mar 2006
Composition
Construction
« Ceramic body with gold-plated pads
« Metal lid,seam sealed
Soldering Profile
200
100
0
°C
Time
5°C/s max
5°C/s max
90s max
40s max
260°C ±5°C
10s max
Preheat
140~160°C
260
Heat
> 200°C
Slow
cooldown
200s max
Production quantities supplied on T & R, 1k pcs per reel.
Small quantities may be supplied on tape (no reel), or in bulk.
Packaging & Handling
Pb
LeadFree
This product is lead-free, and is fully compliant with
the RoHS directive 2002/95/EC
2002/95/EC
RoHS
Static sensitive product. Observe proper handling precautions
Y
Tape & Reel Specification
4.0
1.75
1.50Ø
16.0
±0.3
8.0
5.8
6.75
±0.05
2.0
17.5
13Ø
200Ø
80Ø
2.5
1.50
21Ø
120°
2.0
FEED
+2.0
-1.5
7.7
0.3
±0.05
Not to scale. Dimensions in mm. Tolerances ±0.1mm unless otherwise stated
GOLLEDGE
FREQUENCY
• PARTNO DC
• Pin 1
Marking type: Laser
DC = Date code in YM, eg “CE” = May 2003
Marking
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
9
0
M
Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec


Similar Part No. - GXO-7531

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
GXO-7531/BIP GOLLEDGE-GXO-7531/BIP Datasheet
189Kb / 2P
   3.3V CMOS Oscillator
GXO-7531 GOLLEDGE-GXO-7531_16 Datasheet
189Kb / 2P
   3.3V CMOS Oscillator
More results

Similar Description - GXO-7531

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
GXO-7531 GOLLEDGE-GXO-7531_16 Datasheet
189Kb / 2P
   3.3V CMOS Oscillator
GXO5331 GOLLEDGE-GXO5331 Datasheet
58Kb / 1P
   3.3V CMOS Oscillator
GXO-U120 GOLLEDGE-GXO-U120 Datasheet
173Kb / 2P
   1.8 ~ 3.3V CMOS Oscillator
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
   3.3V VCXO CMOS Oscillator
VHD6031035AA PLETRONICS-VHD6031035AA Datasheet
143Kb / 7P
   3.3V VCXO CMOS Oscillator
logo
Golledge Electronics Lt...
GXO-3301 GOLLEDGE-GXO-3301_16 Datasheet
146Kb / 2P
   1.8 ~ 3.3V CMOS Oscillator
GXO-U108 GOLLEDGE-GXO-U108_16 Datasheet
178Kb / 2P
   3.3V & 5V CMOS Oscillator
GXO-U113 GOLLEDGE-GXO-U113_16 Datasheet
132Kb / 1P
   3.3V & 5V CMOS Oscillator
GXO-U115 GOLLEDGE-GXO-U115_16 Datasheet
124Kb / 1P
   3.3V & 5V CMOS Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com