Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC3012PGN-022 Datasheet(PDF) 5 Page - PerkinElmer Optoelectronics

Part # LC3012PGN-022
Description  High Performance, Low-Cost Analog Line Scan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3012PGN-022 Datasheet(HTML) 5 Page - PerkinElmer Optoelectronics

  LC3012PGN-022 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3012PGN-022 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3012PGN-022 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3012PGN-022 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3012PGN-022 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3012PGN-022 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3012PGN-022 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3012PGN-022 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Analog Line Scan Camera
www.perkinelmer.com/opto
Input Signals
The LC3000 camera requires a single DC
supply (+12 to 24VDC) for operation. An
internal oscillator sets the default data
output rate to default model rate (10 or
20 MHz), and the camera will operate at
the maximum line rate. The camera can
be further controlled by three externally
generated differential input signals:
Master Clock (MCLK), Line Transfer
(LT), and Line Reset (LR).
The Master Clock input determines the
data rate frequency for values up to
maximum clock of the camera. The
MCLK input is optional, as the camera
is preset to run off of the internal oscil-
lator at the default maximum data rate.
Should a data rate slower than that
default rate be necessary, an externally
supplied master clock can be enabled
by selecting that setting through the
bank of DIP-switches. The data rate
may be run from 20 kHz to cameras
maximum clock rate. External line
transfer operation also can be enabled
on the DIP-switch bank.
The Line Transfer input signal transfers
the charge from each photo site to the
readout registers. The readout registers,
in turn, transport the charge from each
photodiode in succession to the video
outputs. The LT input from the user
must remain in the ON state for at least
two MCLK cycles to initiate the inter-
nal line transfer and may remain ON
until 2 clock cycles prior to the next
desired line transfer. Because there are
extra stages in the CCD sensors readout
register, a minimum number of MCLK
cycles (the number of elements on the
CCD sensor plus 41) must exist
between successive LT commands.
The maximum line scan period with-
out exposure control is 20 millisec-
onds. Integration times longer than 20
ms can introduce higher levels of dark
current, which reduces the dynamic
range of the sensor. Longer integration
times are possible, however, if the cam-
era is cooled, which reduces dark cur-
rent. Specific application characteris-
tics, such as light level and rate of
object motion, will determine the
optimum setting. Exposure time of the
camera can be separately controlled
by using the external line reset input.
The LR input is active low (ON) in
polarity and therefore, when not in
use, must be held high (OFF). In this
condition, the exposure time is
defined by the period of the LT signal.
When using the LR input signal, the
exposure period is defined to be the
time between the rising edge of LR to
the rising edge of LT. The LR signal
must be held active low (ON) for a
minimum of 4 clock cycles and must
be inactive high (OFF) for a minimum
of 4 clock cycles prior to the
LT signal.
Output Signals
The LC3000-series camera provides
three output synchronization signals:
Camera Clock (CCLK), Line Enable
(LEN), and Camera Line Transfer (CLT).
The Camera Clock (CCLK) operates at
either the MCLK frequency or default
camera frequency, and is synchro-
nized to the analog video. The output
of the CCLK signal can be used to cap-
ture analog video data by a frame grab-
ber or digitizer.
The Line Enable (LEN) signal brackets
the valid analog video. The signal
becomes high one CCLK period before
the first valid pixel and goes low one
CCLK period before the last valid
pixel. The video output is a contiguous
pixel data stream with a dynamic
range (defined as peak video divided by
rms. pixel noise) of greater than 500:1.
The Camera Line Transfer (CLT) out-
put signal is an internally generated
sync signal. Its falling edge indicates
the start of a line readout sequence.
This signal may be used for control-
ling strobes, shutters or other acces-
sories of the users system.
DSP-201.01D - 4/2002 Page 5
Gain Times
Range
DIP Switch #3
DIP Switch #4
DIP Switch #5
Full Scale
0
ON
ON
ON
0.67
1
ON
ON
OFF
1.00
2
ON
OFF
ON
1.50
3
ON
OFF
OFF
2.20
4
OFF
ON
ON
3.35
5
OFF
ON
OFF
5.00
6
OFF
OFF
ON
7.50
7
OFF
OFF
OFF
11.20
Table 3. Video Gain Switch Settings
Range
DIP Switch #6
DIP Switch #7
DIP Switch #8
Normal Offset (mV)
0ON
ON
ON
0
1
ON
ON
OFF
6.4
2
ON
OFF
ON
12.8
3
ON
OFF
OFF
19.3
4
OFF
ON
ON
25.7
5
OFF
ON
OFF
32.1
6
OFF
OFF
ON
38.6
7
OFF
OFF
OFF
45.0
Table 2. Video Offset Switch Settings
12586 Final Art 2 5/9/01 4:51 PM Page 5


Similar Part No. - LC3012PGN-022

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC301 SEOUL-LC301 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC301 SEOUL-LC301 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC3012PGN-022

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com