Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3522PGK-011 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # LD3522PGK-011
Description  Low-Cost Digital Linescan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LD3522PGK-011 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  LD3522PGK-011 Datasheet HTML 1Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 2Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 3Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 4Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 5Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 6Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 7Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.perkinelmer.com/opto
Figure1a: Spectral Sensitivity Curve (1X Gain)
100
90
80
70
60
50
40
30
20
10
0
250
350
450
550
650
750
850
950
1050
100
90
80
70
60
50
40
30
20
10
0
Wavelength (nm)
Right Scale
Left Scale
Figure 1b: Window Transmission Curve
Wavelength (nm)
100
90
80
70
60
50
40
30
20
10
0
150
450
350
250
550
950
850
750
650
1050
Digital Linescan Camera
Sensor Description
The LD3500-series cameras contain a
single output, high-performance, high-
resolution line scan image sensor
(PerkinElmer Optoelectronics Reticon
®
parts RL0512PAG, RL1024PAG, or
RL2048PAG) featuring a pinned
photodiode pixel. The spectral
response of the sensor is shown in
Figure 1a, with the sensor window
transmission curve shown in Figure 1b.
Functional Description
The video signal from the sensor is
processed through a single channel of
sampled-and-held, raster order, digital
video data. The video channel signal
processing circuitry offers adjustable gain
levels that allow users to customize of
the camera to unique lighting
applications
Operating Modes
The LD3500 series cameras can operate
in Master or Slave Mode. When the
camera is set to Master Mode, the camera
operates at its maximum line scan and
data rate. When the camera is set to
Slave Mode, the cameras scan and data
rates are determined by the users input
signals to the camera. The opertaing
mode is set via the serial connection on
the CameraLink models, and is auto-
detected on the LVDS models. Auto-
detection is accomplished by looking for
either a Line Transfer (LT) and/or
External Clock signal. If the camera
receives a LT signal, but no external
clock, it will continue to run a the
maximum data rate, but will only intiate
a LT upon signal. If the camera recieves
an external clock signal, it will run at
that clock signal with either an internal
or external LT signal.
Input/Output Signal
Specifications
The LD3500 camera requires a single
DC supply (+12 to 24V) for operation.
An internal oscillator sets the default
data output rate to default model rate
(20 or 40 MHz).
CameraLink Models:
CameraLink allows for 4
manufacturer-defined camera control
signals (CC1-CC4). CC1 is a Line
Transfer (LT) signal. CC2 is a Line
Reset (LR) signal. CC3 and CC4 are
reserved for future assignment.
The rising edge of the LT signal
transfers the charge from each
photosite to the readout registers.
The readout registers, in turn,
transport the charge from each
photosite in succession to the video
outputs. The exposure time of the
camera can be externally controlled
using the LR input. The LR input is
active low (ON) in polarity and
therefore, when not in use, must be
held high or left unattended (OFF).
In this condition, the exposure time is
defined by the period of the LT signal.
Output signals are compliant with
CameraLink specifications.
Parallel LVDS (RS-644) Models:
Parallel LVDS models of the LD3500
provide Master Clock (MCLK), Line
Transfer (LT) and Line Reset (LR)
input signals. The MCLK input
determines the data rate frequency for
values up to maximum clock of the
camera. The MCLK input is optional,
as the camera is preset to run off of
the internal oscillator at the default
maximum data rate.
Should a data rate slower than that
default rate be necessary, an
externally supplied master clock can
be used. The data rate may be run
from 2 MHz to cameras maximum
clock rate. The Line Transfer input
signal transfers the charge from each
photosite to the readout registers.
The readout registers, in turn,
transport the charge from each
photosite in succession to the video
outputs.
The exposure time of a LD3500-series
camera can be controlled by using the
external LR input. The LR input is
active low (ON) in polarity and
therefore, when not in use, must be
held high or left unattended (OFF).
In this condition, the exposure time
is defined by the period of the LT
signal. When using the LR input
signal, the exposure period is defined
to be the time between the rising edge
of LT to the rising edge of LR.
The LD3500-series camera provides
two output synchronization signals:
Camera Clock (CCLK) and Line
PDP-206.01B - 7/2002W Page 2


Similar Part No. - LD3522PGK-011

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3524 WTE-LD3524 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3524 WTE-LD3524 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results

Similar Description - LD3522PGK-011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
   Low Cost Digital Camera (LCDC) Chipset
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com