Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3522PGK-011 Datasheet(PDF) 7 Page - PerkinElmer Optoelectronics

Part # LD3522PGK-011
Description  Low-Cost Digital Linescan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LD3522PGK-011 Datasheet(HTML) 7 Page - PerkinElmer Optoelectronics

  LD3522PGK-011 Datasheet HTML 1Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 2Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 3Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 4Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 5Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 6Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 7Page - PerkinElmer Optoelectronics LD3522PGK-011 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.perkinelmer.com/opto
Digital Linescan Camera
www.perkinelmer.com/opto
PDP-206.01B - 7/2002W Page 7
Table 5. LD3500 Camera Model Specifications
Model Number
Number of Pixels
LD3521PGx
LD3522PGx
LD3523PGx
LD3541PGK
LD3542PGK
LD3543PGK
Max Output Speed
Active Area Pixel Length
Max Line Rate
512
1024
2048
512
1024
2048
7.168 mm (0.28")
14.336 mm (0.56")
28.672 mm (1.13")
7.168 mm (0.28")
14.336 mm (0.56")
28.672 mm (1.13")
20 MHz
20 MHz
20 MHz
40 MHz
40 MHz
40 MHz
34 kHz
18.2 kHz
9.4 kHz
68 kHz
36.4 kHz
18.8 kHz
Figure 6: LD3500 Camera Block Diagram
+LT
-LT
+MCLK
-MCLK
+LR
-LR
Line Enable Logic
VSP TIMING LOGIC
Single
D.C
Power
Supply
Input
12-24V
CAMERA
TIMING
LOGIC
LINE
TRANSFER
LOGIC
CLK
LOGIC
Exposure
Control
Logic
GAIN
CONTROL
CameraLink
Output
Gain
Camera Mode
L
E
V
E
L
T
R
A
N
S
I
M
A
G
E
R
C
D
S
D
R
I
V
E
L
O
G
I
C
VIDEO SIGNAL
PROCESSING
FPGA
ØTG
ØPG
ØRG
ØAB
ØH2
ØH1
Output
Drivers
8 bit
Lens
Gain Inputs
Gain Inputs
LVDS Models Only
LVDS Models Only
RS-644 Receivers
LVDS Output
10 LVDS pairs
LEN, CCLK
8 bit video
video
CameraLink Models Only
Set through CameraLink
serial communications
Compliant with
CameraLink
specifications


Similar Part No. - LD3522PGK-011

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
LD3520 WTE-LD3520 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3520 WTE-LD3520_14 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3524 WTE-LD3524 Datasheet
29Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
LD3524 WTE-LD3524 Datasheet
31Kb / 2P
   35A AVALANCHE LUCAS TYPE PRESS-FIT DIODE
More results

Similar Description - LD3522PGK-011

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6444 STMICROELECTRONICS-VV6444 Datasheet
352Kb / 60P
   Low Cost Digital Camera (LCDC) Chipset
logo
PerkinElmer Optoelectro...
LC3000 PERKINELMER-LC3000 Datasheet
94Kb / 8P
   High Performance, Low-Cost Analog Line Scan Camera
logo
NXP Semiconductors
SAA8122 PHILIPS-SAA8122 Datasheet
53Kb / 7P
   Digital Still Camera
1999 sep 01
logo
Zoran Corporation
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
   Digital Camera Processor
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
   DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
   Digital Camera Processor
logo
Samsung semiconductor
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
   DIGITAL CAMERA PROCESSOR
logo
Hamamatsu Corporation
C4880-91 HAMAMATSU-C4880-91 Datasheet
98Kb / 2P
   Digital CCD Camera
C4880-50 HAMAMATSU-C4880-50 Datasheet
119Kb / 2P
   Digital CCD Camera
logo
Zoran Corporation
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
   Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com