Electronic Components Datasheet Search |
|
APW7058KC-TR Datasheet(PDF) 5 Page - Anpec Electronics Coropration |
|
APW7058KC-TR Datasheet(HTML) 5 Page - Anpec Electronics Coropration |
5 / 13 page Copyright ANPEC Electronics Corp. Rev. A.3 - Mar., 2005 APW7058 www.anpec.com.tw 5 APW7058 Symbol Parameter Test Conditions Min Typ Max Unit BUILT-IN PWM FEEDBACK COMPENSATION DC Gain 75 dB FP First Pole Frequency 10 Hz FZ First Zero Frequency 1 kHz UGATE Duty Range 0 100 % FB Input Current 0.1 µA PWM CONTROLLER GATE DRIVERS UGATE Source VUAGTE=1V 0.6 A UGATE Sink VUGATE=1V 7.3 Ω LGATE Source VLGATE=1V 0.6 A LGATE Sink VLGATE=1V 1.8 Ω TD Dead Time 50 nS LINEAR CONTROLLER DC Gain 78 dB CL=0.5nF 1.6 Gain Bandwidth Product CL=1nF 1 MHz FB Input Current 0.1 µA DRIVE2 Source Current VFB2=VREF-20mV, VDRIVE2=7V 9.8 mA DRIVE2 Sink Current VFB2=VREF+20mV, VDRIVE2=3V 2.6 mA DRIVE2 Output High Voltage DRIVE2 Open 11.7 V DRIVE2 Output Low Voltage DRIVE2 Open 0.01 V UNDER-VOLTAGE PROTECTION UVFB FB/FB2 Under-Voltage Level FB or FB2 Falling 0.5 V FB/FB2 Under-Voltage Hysteresis 15 mV SOFT-START AND SHUTDOWN TSS Soft-Start Interval 2 mS FB2 Shutdown Threshold FB2 Rising 1.28 V FB2 Shutdown Hysteresis 30 mV Electrical Characteristics (Cont.) Unless otherwise specified, these specifications apply over 5VCC=5V, 12VCC=12V and TA= 0~70 oC. Typical values are at TA=25oC. |
Similar Part No. - APW7058KC-TR |
|
Similar Description - APW7058KC-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |