Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT86RF535A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT86RF535A
Description  WiMax Transceiver 802.16-2004
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF535A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT86RF535A Datasheet HTML 4Page - ATMEL Corporation AT86RF535A Datasheet HTML 5Page - ATMEL Corporation AT86RF535A Datasheet HTML 6Page - ATMEL Corporation AT86RF535A Datasheet HTML 7Page - ATMEL Corporation AT86RF535A Datasheet HTML 8Page - ATMEL Corporation AT86RF535A Datasheet HTML 9Page - ATMEL Corporation AT86RF535A Datasheet HTML 10Page - ATMEL Corporation AT86RF535A Datasheet HTML 11Page - ATMEL Corporation AT86RF535A Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
5108B–WiMax–2/06
AT86RF535A [Preliminary]
Note:
Additional ground supplies are generated by down bonds to the exposed paddle.
BBRXQP
46
Base Band Receive Output Q Positive
Quad Phase output positive. The base band-processed signal is voltage level programmable to adapt to
different base band ADCs. The capacitive load should be less than 10pF asymmetric.
BBRXQN
47
Base Band Receive Output Q Negative
Complementary signal to BBRXQP
VSSBBRX
48
Voltage Supply of BB Receive circuit modules
VDDBBRX
49
Voltage Supply of BB Receive circuit modules
VDDVCO
50
Voltage Supply of Synthesizer modules VCO and APLF
VSSVCO
51
Ground Supply of Synthesizer modules VCO and APLF
VDDBBIF
52
Voltage Supply of BB Interface Pads
VSSDIG2
53
Ground Supply of BB Interface Pads and of Digital Circuit Modules
IDA
54
Interface Data
Data input of the serial gain, level and frequency control interface
ICL
55
Interface Clock
Clock input of the serial gain, level and frequency control interface
VDDDIG2
56
Voltage Supply of Digital Circuit Modules
Table 7.
Pin Description (Continued)
PIN
PIN No.
DESCRIPTION


Similar Part No. - AT86RF535A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
More results

Similar Description - AT86RF535A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT86RF535B ATMEL-AT86RF535B Datasheet
405Kb / 13P
   3.5GHz WiMAX Transceiver
logo
Analog Devices
AD9353BCPZ AD-AD9353BCPZ Datasheet
97Kb / 2P
   WiMAX RF MxFE Transceiver
Rev. Sp0
AD9353 AD-AD9353 Datasheet
96Kb / 2P
   WiMAX RF MxFE Transceiver
Rev. Sp0
AD9352 AD-AD9352 Datasheet
91Kb / 2P
   WiMAX/WiBro RF MxFE Transceiver
Rev. Sp0
AD9352-5 AD-AD9352-5 Datasheet
103Kb / 2P
   WiMAX/WiBro RF MxFE Transceiver
Rev. Sp0
AD9355 AD-AD9355 Datasheet
62Kb / 2P
   WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
AD9354 AD-AD9354 Datasheet
62Kb / 2P
   WiMAX/WiBro RF MxFE MISO Transceiver
Rev. Sp0
logo
EPCOS
B5032 EPCOS-B5032_1 Datasheet
78Kb / 7P
   WiMAX
B5034 EPCOS-B5034_1 Datasheet
58Kb / 7P
   WiMAX
B5094 EPCOS-B5094 Datasheet
100Kb / 8P
   WiMax
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com