Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCP1317NP-680M Datasheet(PDF) 4 Page - Sumida Corporation

Part # RCP1317NP-680M
Description  RCP1317
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP1317NP-680M Datasheet(HTML) 4 Page - Sumida Corporation

  RCP1317NP-680M Datasheet HTML 1Page - Sumida Corporation RCP1317NP-680M Datasheet HTML 2Page - Sumida Corporation RCP1317NP-680M Datasheet HTML 3Page - Sumida Corporation RCP1317NP-680M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATION
TYPE
RCP1317
2-2.ELECTRICAL CHARACTERISTICS
DC SUPERPOSITION
PERMISSION CURRENT
※3
NO.
PART NO.
STAMP
INDUCTANCE
<WITHIN>
※1
D.C.R.(Ω)
<MAX.>
(at 20℃)
※2
(at 20℃) (at 100℃)
TEMPERATURE
RISE
PERMISSION
CURRENT
(A)
※4
SUMIDA
CODE
06
RCP1317NP-121L
121
120μH±15%
139m (116m)
2.60
2.30
2.20
07
RCP1317NP-151L
151
150μH±15%
195m (156m)
2.40
2.10
1.90
08
RCP1317NP-181L
181
180μH±15%
213m (171m)
2.20
1.80
1.80
09
RCP1317NP-221L
221
220μH±15%
278m (223m)
1.90
1.70
1.60
10
RCP1317NP-271L
271
270μH±15%
0.33 (0.26)
1.70
1.60
1.55
11
RCP1317NP-331L
331
330μH±15%
0.36 (0.29)
1.60
1.40
1.50
12
RCP1317NP-391L
391
390μH±15%
0.44 (0.35)
1.45
1.28
1.30
13
RCP1317NP-471L
471
470μH±15%
0.53 (0.42)
1.35
1.17
1.15
14
RCP1317NP-561L
561
560μH±15%
0.59 (0.47)
1.25
1.05
1.10
15
RCP1317NP-681L
681
680μH±15%
0.78 (0.62)
1.12
0.95
1.00
16
RCP1317NP-821L
821
820μH±15%
0.95 (0.76)
1.02
0.85
0.85
17
RCP1317NP-1Ø2L
102
1.0mH±15%
1.18 (0.94)
0.90
0.70
0.82
18
RCP1317NP-122L
122
1.2mH±15%
1.28 (1.07)
0.80
0.65
0.74
19
RCP1317NP-152L
152
1.5mH±15%
1.40 (1.16)
0.72
0.60
0.72
20
RCP1317NP-182L
182
1.8mH±15%
2.00 (1.70)
0.68
0.56
0.58
21
RCP1317NP-222L
222
2.2mH±15%
2.28 (1.90)
0.62
0.52
0.52
22
RCP1317NP-272L
272
2.7mH±15%
3.07 (2.56)
0.58
0.50
0.48
23
RCP1317NP-332L
332
3.3mH±15%
3.31 (2.76)
0.51
0.45
0.45
24
RCP1317NP-392L
392
3.9mH±15%
4.52 (3.77)
0.47
0.42
0.42
25
RCP1317NP-472L
472
4.7mH±15%
5.02 (4.18)
0.43
0.37
0.37
※1: MEASURED FREQUENCY
INDUCTANCE :
at
1 kHz
※2 (
)TYPICAL VALUE.
※3:DC SUPERPOSITION PERMISSION CURRENT:THE VALUE OF D.C. CURRENT WHEN THE INDUCTANCE IS OVER 65%
OF THE INITIAL VALUE.
※4:TEMPERATURE RISE PERMISSION CURRENT:THE DC CURRENT WHEN COIL’S SELF TEMPERATURE RISE IS 40℃.
(Ta=20℃)
3.STORAGE TEMPERATURE RANGE
: −40℃ ∼ +100℃
OPERATING TEMPERATURE RANGE: −40℃ ∼ +100℃ (INCLUDING SELF TEMPERATURE RISE)


Similar Part No. - RCP1317NP-680M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317NP-680M SUMIDA-RCP1317NP-680M Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP1317NP-680M SUMIDA-RCP1317NP-680M Datasheet
221Kb / 5P
   PIN Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com