Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC3013PGF-022 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # LC3013PGF-022
Description  High Performance, Low-Cost Analog Line Scan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3013PGF-022 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  LC3013PGF-022 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3013PGF-022 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Figure 1a: Spectral Sensitivity Curve (Min. Gain)
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
250
350
450
550
650
750
850
950
1050
Right Scale
Left Scale
Wavelength (nm)
Figure 1b: Sensor Window Transmission Curve
0
150
250
350
450
550
650
750
850
950
1050
10
20
30
40
50
60
70
80
90
100
Wavelength (nm)
Analog Line Scan Camera
www.perkinelmer.com/opto
DSP-201.01D - 4/2002 Page 2
Table 1. Master/Slave Mode DIP-switch Settings
DIP Switch #1 Setting
DIP Switch #2 Setting
Operating Mode
ON
ON
Master Mode
OFF
OFF
Slave Mode
OFF
ON
Alternate Slave 1
ON
OFF
Alternate Slave 2
Description (cont.)
applications include lumber processing,
parcel scanning, non-contact measure-
ment, document scanning, dimensional
gauging, biomedical imaging, bar code
scanning and many other industrial
and scientific applications.
The Sensor
The LC3000-series cameras contain
a high-performance, high-resolution
line scan image sensor (PerkinElmer
Optoelectronics parts RL0512PAG,
RL1024PAG, or RL2048PAG) featuring
a pinned photodiode pixel. Each
photodiode converts incident light into
discrete charge packets. Advantages of
pinned photodiode pixels include lin-
ear exposure control, the elimination
of image lag, and the reduction of
photo response non-uniformity (PRNU).
For more specific sensor specifications
and information, please consult the
appropriate sensor datasheet. Figure 1a
details the spectral sensitivity of the
sensor, while Figure 1b details the
sensor’s glass window light trans-
mission curve.
Functional Description
The video signal from the sensor is
processed through a single channel of
sampled-and-held, raster order, analog
video data. The video channel signal
processing circuitry offers both
adjustable gain and offset levels to
allow customization of the camera to
unique lighting applications. An
operational amplifier in a differential
configuration is recommended to
receive the video signal. Figure 2
details the camera video processing.
Operating Modes
The LC3000-series cameras can be
operated in one of two different modes:
Master Mode and Slave Mode. Master
mode is to be used when the LC3000-
series camera is operating as a stand-
alone unit. Master mode requires
only input DC power (12-24 VDC) for
operation. In this mode of operation,
the camera will operate at its basic
clock frequency (defined by the model
number) and at the maximum line rate.
Master mode operation is selected
using the bank of rear-camera located
12586 Final Art 2 5/9/01 4:51 PM Page 2


Similar Part No. - LC3013PGF-022

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC301 SEOUL-LC301 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC301 SEOUL-LC301 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC3013PGF-022

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com