Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41835 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # B41835
Description  Single Ended GP - Capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B41835 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  B41835 Datasheet HTML 1Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 2Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 3Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 4Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 5Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 6Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 7Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 8Page - List of Unclassifed Manufacturers B41835 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Type
B41821
B43821
Voltage endurance test
hrs
2000 h, 85° C
(at UN)
Evaluation criteria:
∆ C/C ≤ ± 30% of initial measured value
Tan
δ ≤ 2 times initial specified value
IL
≤ initial specifies value
Climatic category
In accordance with
IEC 68-1
UCT/
LCT
40/085/56
40/085/56 - UN
≤ 250 V
25/085/56 - UN
≥ 350 V
Standards
IEC 384-4
DIN 45 910 part 12
Vibration resistance
In accordance eith IEC 68-2-6, etst Fc:
displacement amplitude 0,75 min, frequency range
10...2000 Hz, acceleration max 10 g duration 3 x 2 h
Overview of available types
Type B 41821
UN (Vdc)
6,3
10
16
25
35
50
63
100
CN (µf)
Case dimensions Ø d x I (mm)
0,1
5x11
0,22
5x11
0,33
5x11
0,47
5x11
0,68
5x11
1
5x11
1,5
5x11
2,2
5x11
3,3
5x11
4,7
5x11
6,8
5x11
5x11
10
5x11
5x11
6,3x11
22
5x11
6,3x11
8x11
33
5x111
6,3x11
6,3x11
10x12,5
47
5x11
5x11
6,3x11
8x11
10x12,5/10x16
68
5x11
6,3x11
6,3x11
8x11
10x12,5
10x16
100
5x11
5x11
6,3x11
6,3x11/8x11
8x11
10x12,5
10x20
150
6,3x11
6,3x11
8x11
8x11
10x12,5
10x16
12,5x25
220
6,3x11
6,3x11
6,3x11/8x11
8x11
8x11
10x12,5
10x16
12,5x25
270
6,3x11
8x11
8x11
10x12,5
10x12,5
10x16
10x20
16x25


Similar Part No. - B41835

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4183 EPCOS-B4183 Datasheet
80Kb / 6P
   SAW Components Low-Loss Filter for Mobile Communication 1962,5 MHz
More results

Similar Description - B41835

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
   Single-Ended GP Capacitors Low Profile
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com