Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM15MD-12H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM15MD-12H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM15MD-12H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM15MD-12H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM15MD-12H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM15MD-12H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM15MD-12H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM15MD-12H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
R
S
T
P
N
P1
B
GB
GU
EU
GV
EV
GW
EW
UV
W
E
GU
GV
GW
7.5 8
EU
N
P1
P
RU
V
W
ST
B
GU
EV
GV
EW
GW
GV
GU
16.5
8
5
88
8
8
2
1
t = 0.5
t = 0.5
0.8
12.5 12.5
8 12.28 7.62 7.62 7.62
2.54 2.54 2.54
90 ±0.5
80 ±0.3
(30
°)
GW
GB
E
2.54
2.54
2.54
2.54
D
CIRCUIT DIAGRAM
2 -
φ4.8 ±0.1 MOUNTING HOLES
2 -
φ4.8 ±0.2 GUIDE HOLE
MAIN CIRCUIT
TERMINAL
CONTROL CIRCUIT
TERMINAL
Note. Not use the guiding holes to mount on the cooling fin.
LABEL
CM15MD-12H
APPLICATION
AC & DC motor controls, General purpose inverters, Servo controls, NC, Robotics
MITSUBISHI IGBT MODULES
CM15MD-12H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
¡IC ..................................................................... 15A
¡VCES ............................................................600V
¡Insulated Type
¡CIB Module
3
φ Inverter+3φ Converter+Brake
¡UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Similar Part No. - CM15MD-12H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM15MD-12H POWEREX-CM15MD-12H Datasheet
85Kb / 6P
   CIB Module Three Phase Converter Three Phase Inverter Brake 15 Amperes/600 Volts
More results

Similar Description - CM15MD-12H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com