Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C441 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C441
Description  Clocked 512 x 9, 2K x 9 FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C441 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C441 Datasheet HTML 1Page - Cypress Semiconductor CY7C441 Datasheet HTML 2Page - Cypress Semiconductor CY7C441 Datasheet HTML 3Page - Cypress Semiconductor CY7C441 Datasheet HTML 4Page - Cypress Semiconductor CY7C441 Datasheet HTML 5Page - Cypress Semiconductor CY7C441 Datasheet HTML 6Page - Cypress Semiconductor CY7C441 Datasheet HTML 7Page - Cypress Semiconductor CY7C441 Datasheet HTML 8Page - Cypress Semiconductor CY7C441 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C441
CY7C443
Document #: 38-06032 Rev. *A
Page 3 of 15
Electrical Characteristics Over the Operating Range
7C441–12
7C443–12
7C441–14
7C443–14
7C441–20
7C443–20
7C441–30
7C443–30
Parameter
Description
Test Conditions
Min.
Max.
Min. Max. Min. Max. Min. Max. Unit
VOH
Output HIGH
Voltage
VCC = Min., IOH = –2.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min., IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC
2.2
VCC
2.2
VCC
2.2
VCC
V
VIL
Input LOW Voltage
–0.5
0.8
–0.5
0.8
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage
Current
VCC = Max.,
GND < VI < VCC
–10
+10
–10
+10
–10
+10
–10
+10
µA
IOS
[2]
Output Short
Circuit Current
VCC = Max., VOUT = GND
–90
–90
–90
–90
mA
ICC1
[3]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
140
140
120
100
mA
Mil/Ind
150
150
130
110
mA
ICC2
[4]
Operating Current
VCC = Max.,
IOUT = 0 mA
Com’l
70
70
70
70
mA
Mil/Ind
80
80
80
80
mA
ISB
[5]
Standby Current
VCC = Max.,
IOUT = 0 mA
Com’l
30
30
30
30
mA
Mil/Ind
30
30
30
30
mA
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
AC Test Loads and Waveform[7,8]
Notes:
1.
The Voltage on any input or I/O pin cannot exceed the power pin during power-up.
2.
Test no more than one output at a time and do not test any output for more than one second.
3.
Input signals switch from 0V to 3V with a rise/fall time of 3 ns or less, clocks and clock enables switch at maximum frequency (fMAX), while data inputs switch
at fMAX/2. Outputs are unloaded.
4.
Input signals switch from 0V to 3V with a rise/fall time less than 3 ns, clocks and clock enables switch at 20 MHz, while the data inputs switch at 10 MHz.
Outputs are unloaded.
5.
All inputs signals are connected to VCC. All outputs are unloaded. Read and write clocks switch at maximum frequency (fMAX).
6.
Tested initially and after any design or process changes that may affect these parameters.
7.
CL = 30 pF for all AC parameters.
8.
All AC measurements are referenced to 1.5V.
3.0V
5V
OUTPUT
R1 500
R2
333
CL
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
OUTPUT
2V
Equivalent to:
THÉVENIN EQUIVALENT
C441-4
200
ALL INPUT PULSES
C441-5


Similar Part No. - CY7C441

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10AC CYPRESS-CY7C4421-10AC Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10AC CYPRESS-CY7C4421-10AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10JC CYPRESS-CY7C4421-10JC Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C441

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com