Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ13CA Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P4SMAJ13CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P4SMAJ13CA Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P4SMAJ13CA Datasheet HTML 1Page - Pan Jit International Inc. P4SMAJ13CA Datasheet HTML 2Page - Pan Jit International Inc. P4SMAJ13CA Datasheet HTML 3Page - Pan Jit International Inc. P4SMAJ13CA Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 4
Approve Sheet Part Number: P4SMAJ SERIES
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
e
s
r
e
v
e
R
e
g
a
tl
o
V
ff
o
-
d
n
a
t
S
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
t
s
e
T
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
.
x
a
M
p
m
a
l
C
e
g
a
tl
o
V
e
s
l
u
P
k
a
e
P
t
n
e
rr
u
C
e
g
a
k
c
a
P
VRWM
VBR
I
@ T
IT
I R @VRWM
VC @I PP
I PP
.
n
i
M
.
x
a
M
I
N
U
I
B
I
N
U
I
B
I
N
U
I
B
V
V
V
A
m
µA
µA
V
A
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
4
0
.
5
J
A
M
S
4
P
C
0
.
5
J
A
M
S
4
P
D
H
D
T
0
.
5
0
4
.
6
5
5
.
7
0
1
0
0
8
0
0
6
1
6
.
9
6
.
1
4
C
A
4
1
2
-
O
D
/
A
M
S
A
0
.
5
J
A
M
S
4
P
A
C
0
.
5
J
A
M
S
4
P
E
H
E
T
0
.
5
0
4
.
6
5
2
.
7
0
1
0
0
8
0
0
6
1
2
.
9
5
.
3
4
C
A
4
1
2
-
O
D
/
A
M
S
0
.
6
J
A
M
S
4
P
C
0
.
6
J
A
M
S
4
P
F
H
F
T
0
.
6
7
6
.
6
5
4
.
8
0
1
0
0
8
0
0
6
1
4
.
1
1
1
.
5
3
C
A
4
1
2
-
O
D
/
A
M
S
A
0
.
6
J
A
M
S
4
P
A
C
0
.
6
J
A
M
S
4
P
G
H
G
T
0
.
6
7
6
.
6
7
6
.
7
0
1
0
0
8
0
0
6
1
3
.
0
1
S
8
.
8
3
C
A
4
1
2
-
O
D
/
A
M
S
5
.
6
J
A
M
S
4
P
C
5
.
6
J
A
M
S
4
P
H
H
H
T
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
5
.
2
3
C
A
4
1
2
-
O
D
/
A
M
S
A
5
.
6
J
A
M
S
4
P
A
C
5
.
6
J
A
M
S
4
P
K
H
K
T
5
.
6
2
2
.
7
0
3
.
8
0
1
0
0
5
0
0
0
1
2
.
1
1
7
.
5
3
C
A
4
1
2
-
O
D
/
A
M
S
0
.
7
J
A
M
S
4
P
C
0
.
7
J
A
M
S
4
P
L
H
L
T
0
.
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
1
.
0
3
C
A
4
1
2
-
O
D
/
A
M
S
A
0
.
7
J
A
M
S
4
P
A
C
0
.
7
J
A
M
S
4
P
M
H
M
T
0
.
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
0
.
2
1
3
.
3
3
C
A
4
1
2
-
O
D
/
A
M
S
5
.
7
J
A
M
S
4
P
C
5
.
7
J
A
M
S
4
P
N
H
N
T
5
.
7
3
3
.
8
7
6
.
0
1
0
.
1
0
0
1
0
0
2
3
.
4
1
0
.
8
2
C
A
4
1
2
-
O
D
/
A
M
S
A
5
.
7
J
A
M
S
4
P
A
C
5
.
7
J
A
M
S
4
P
P
H
P
T
5
.
7
3
3
.
8
8
5
.
9
0
.
1
0
0
1
0
0
2
9
.
2
1
0
.
1
3
C
A
4
1
2
-
O
D
/
A
M
S
0
.
8
J
A
M
S
4
P
C
0
.
8
J
A
M
S
4
P
Q
H
Q
T
0
.
8
9
8
.
8
0
3
.
1
1
0
.
1
0
5
0
0
1
0
.
5
1
5
.
6
2
C
A
4
1
2
-
O
D
/
A
M
S
A
0
.
8
J
A
M
S
4
P
A
C
0
.
8
J
A
M
S
4
P
R
H
R
T
0
.
8
9
8
.
8
3
2
.
0
1
0
.
1
0
5
0
0
1
6
.
3
1
4
.
9
2
C
A
4
1
2
-
O
D
/
A
M
S
5
.
8
J
A
M
S
4
P
C
5
.
8
J
A
M
S
4
P
S
H
S
T
5
.
8
4
4
.
9
2
9
.
1
1
0
.
1
0
1
0
2
9
.
5
1
1
.
5
2
C
A
4
1
2
-
O
D
/
A
M
S
A
5
.
8
J
A
M
S
4
P
A
C
5
.
8
J
A
M
S
4
P
T
H
T
T
5
.
8
4
4
.
9
2
8
.
0
1
0
.
1
0
1
0
2
4
.
4
1
7
.
7
2
C
A
4
1
2
-
O
D
/
A
M
S
0
.
9
J
A
M
S
4
P
C
0
.
9
J
A
M
S
4
P
U
H
U
T
0
.
9
0
.
0
1
6
.
2
1
0
.
1
5
0
1
9
.
6
1
6
.
3
2
C
A
4
1
2
-
O
D
/
A
M
S
A
0
.
9
J
A
M
S
4
P
A
C
0
.
9
J
A
M
S
4
P
V
H
V
T
0
.
9
0
.
0
1
5
.
1
1
0
.
1
5
0
1
4
.
5
1
0
.
6
2
C
A
4
1
2
-
O
D
/
A
M
S
0
1
J
A
M
S
4
P
C
0
1
J
A
M
S
4
P
W
H
W
T
0
1
1
.
1
1
1
.
4
1
0
.
1
5
5
8
.
8
1
2
.
1
2
C
A
4
1
2
-
O
D
/
A
M
S
A
0
1
J
A
M
S
4
P
A
C
0
1
J
A
M
S
4
P
X
H
X
T
0
1
1
.
1
1
8
.
2
1
0
.
1
5
5
0
.
7
1
5
.
3
2
C
A
4
1
2
-
O
D
/
A
M
S
1
1
J
A
M
S
4
P
C
1
1
J
A
M
S
4
P
Y
H
Y
T
1
1
2
.
2
1
4
.
5
1
0
.
1
5
5
1
.
0
2
0
.
0
2
C
A
4
1
2
-
O
D
/
A
M
S
A
1
1
J
A
M
S
4
P
A
C
1
1
J
A
M
S
4
P
Z
H
Z
T
1
1
2
.
2
1
0
.
4
1
0
.
1
5
5
2
.
8
1
0
.
2
2
C
A
4
1
2
-
O
D
/
A
M
S
2
1
J
A
M
S
4
P
C
2
1
J
A
M
S
4
P
D
I
D
U
2
1
3
.
3
1
9
.
6
1
0
.
1
5
5
0
.
2
2
1
.
8
1
C
A
4
1
2
-
O
D
/
A
M
S
A
2
1
J
A
M
S
4
P
A
C
2
1
J
A
M
S
4
P
E
I
E
U
2
1
3
.
3
1
3
.
5
1
0
.
1
5
5
9
.
9
1
1
.
0
2
C
A
4
1
2
-
O
D
/
A
M
S
3
1
J
A
M
S
4
P
C
3
1
J
A
M
S
4
P
F
I
F
U
3
1
4
.
4
1
2
.
8
1
0
.
1
5
5
8
.
3
2
8
.
6
1
C
A
4
1
2
-
O
D
/
A
M
S
A
3
1
J
A
M
S
4
P
A
C
3
1
J
A
M
S
4
P
G
I
G
U
3
1
4
.
4
1
5
.
6
1
0
.
1
5
5
5
.
1
2
6
.
8
1
C
A
4
1
2
-
O
D
/
A
M
S
4
1
J
A
M
S
4
P
C
4
1
J
A
M
S
4
P
H
I
H
U
4
1
6
.
5
1
8
.
9
1
0
.
1
5
5
8
.
5
2
5
.
5
1
C
A
4
1
2
-
O
D
/
A
M
S
A
4
1
J
A
M
S
4
P
A
C
4
1
J
A
M
S
4
P
K
I
K
U
4
1
6
.
5
1
9
.
7
1
0
.
1
5
5
2
.
3
2
2
.
7
1
C
A
4
1
2
-
O
D
/
A
M
S
5
1
J
A
M
S
4
P
C
5
1
J
A
M
S
4
P
L
I
L
U
5
1
7
.
6
1
1
.
1
2
0
.
1
5
5
9
.
6
2
8
.
4
1
C
A
4
1
2
-
O
D
/
A
M
S
A
5
1
J
A
M
S
4
P
A
C
5
1
J
A
M
S
4
P
M
I
M
U
5
1
7
.
6
1
2
.
9
1
0
.
1
5
5
4
.
4
2
4
.
6
1
C
A
4
1
2
-
O
D
/
A
M
S
6
1
J
A
M
S
4
P
C
6
1
J
A
M
S
4
P
N
I
N
U
6
1
8
.
7
1
6
.
2
2
0
.
1
5
5
8
.
8
2
8
.
3
1
C
A
4
1
2
-
O
D
/
A
M
S
A
6
1
J
A
M
S
4
P
A
C
6
1
J
A
M
S
4
P
P
I
P
U
6
1
8
.
7
1
5
.
0
2
0
.
1
5
5
0
.
6
2
3
.
5
1
C
A
4
1
2
-
O
D
/
A
M
S
7
1
J
A
M
S
4
P
C
7
1
J
A
M
S
4
P
Q
I
Q
U
7
1
9
.
8
1
9
.
3
2
0
.
1
5
5
5
.
0
3
1
.
3
1
C
A
4
1
2
-
O
D
/
A
M
S
A
7
1
J
A
M
S
4
P
A
C
7
1
J
A
M
S
4
P
R
I
R
U
7
1
9
.
8
1
7
.
1
2
0
.
1
5
5
6
.
7
2
5
.
4
1
C
A
4
1
2
-
O
D
/
A
M
S
8
1
J
A
M
S
4
P
C
8
1
J
A
M
S
4
P
S
I
S
U
8
1
0
.
0
2
3
.
5
2
0
.
1
5
5
2
.
2
3
4
.
2
1
C
A
4
1
2
-
O
D
/
A
M
S
A
8
1
J
A
M
S
4
P
A
C
8
1
J
A
M
S
4
P
T
I
T
U
8
1
0
.
0
2
3
.
3
2
0
.
1
5
5
2
.
9
2
7
.
3
1
C
A
4
1
2
-
O
D
/
A
M
S
0
2
J
A
M
S
4
P
C
0
2
J
A
M
S
4
P
U
I
U
U
0
2
2
.
2
2
1
.
8
2
0
.
1
5
5
8
.
5
3
1
.
1
1
C
A
4
1
2
-
O
D
/
A
M
S
A
0
2
J
A
M
S
4
P
A
C
0
2
J
A
M
S
4
P
V
I
V
U
0
2
2
.
2
2
5
.
5
2
0
.
1
5
5
4
.
2
3
3
.
2
1
C
A
4
1
2
-
O
D
/
A
M
S
2
2
J
A
M
S
4
P
C
2
2
J
A
M
S
4
P
W
I
W
U
2
2
4
.
4
2
9
.
0
3
0
.
1
5
5
4
.
9
3
1
.
0
1
C
A
4
1
2
-
O
D
/
A
M
S
A
2
2
J
A
M
S
4
P
A
C
2
2
J
A
M
S
4
P
X
I
X
U
2
2
4
.
4
2
0
.
8
2
0
.
1
5
5
5
.
5
3
2
.
1
1
C
A
4
1
2
-
O
D
/
A
M
S
4
2
J
A
M
S
4
P
C
4
2
J
A
M
S
4
P
Y
I
Y
U
4
2
7
.
6
2
8
.
3
3
0
.
1
5
5
0
.
3
4
3
.
9
C
A
4
1
2
-
O
D
/
A
M
S
A
4
2
J
A
M
S
4
P
A
C
4
2
J
A
M
S
4
P
Z
I
Z
U
4
2
7
.
6
2
7
.
0
3
0
.
1
5
5
9
.
8
3
3
.
0
1
C
A
4
1
2
-
O
D
/
A
M
S
6
2
J
A
M
S
4
P
C
6
2
J
A
M
S
4
P
D
J
D
V
6
2
9
.
8
2
6
.
6
3
0
.
1
5
5
6
.
6
4
6
.
8
C
A
4
1
2
-
O
D
/
A
M
S
A
6
2
J
A
M
S
4
P
A
C
6
2
J
A
M
S
4
P
E
J
E
V
6
2
9
.
8
2
2
.
3
3
0
.
1
5
5
1
.
2
4
5
.
9
C
A
4
1
2
-
O
D
/
A
M
S
8
2
J
A
M
S
4
P
C
8
2
J
A
M
S
4
P
F
J
F
V
8
2
1
.
1
3
4
.
9
3
0
.
1
5
5
0
.
0
5
0
.
8
C
A
4
1
2
-
O
D
/
A
M
S
A
8
2
J
A
M
S
4
P
A
C
8
2
J
A
M
S
4
P
G
J
G
V
8
2
1
.
1
3
8
.
5
3
0
.
1
5
5
4
.
5
4
8
.
8
C
A
4
1
2
-
O
D
/
A
M
S
0
3
J
A
M
S
4
P
C
0
3
J
A
M
S
4
P
H
J
H
V
0
3
3
.
3
3
2
.
2
4
0
.
1
5
5
5
.
3
5
5
.
7
C
A
4
1
2
-
O
D
/
A
M
S
A
0
3
J
A
M
S
4
P
A
C
0
3
J
A
M
S
4
P
K
J
K
V
0
3
3
.
3
3
3
.
8
3
0
.
1
5
5
4
.
8
4
3
.
8
C
A
4
1
2
-
O
D
/
A
M
S
3
3
J
A
M
S
4
P
C
3
3
J
A
M
S
4
P
L
J
L
V
3
3
7
.
6
3
5
.
6
4
0
.
1
5
5
0
.
9
5
8
.
6
C
A
4
1
2
-
O
D
/
A
M
S
A
3
3
J
A
M
S
4
P
A
C
3
3
J
A
M
S
4
P
M
J
M
V
3
3
7
.
6
3
2
.
2
4
0
.
1
5
5
3
.
3
5
5
.
7
C
A
4
1
2
-
O
D
/
A
M
S
6
3
J
A
M
S
4
P
C
6
3
J
A
M
S
4
P
N
J
N
V
6
3
0
.
0
4
7
.
0
5
0
.
1
5
5
3
.
4
6
2
.
6
C
A
4
1
2
-
O
D
/
A
M
S
A
6
3
J
A
M
S
4
P
A
C
6
3
J
A
M
S
4
P
P
J
P
V
6
3
0
.
0
4
0
.
6
4
0
.
1
5
5
1
.
8
5
9
.
6
C
A
4
1
2
-
O
D
/
A
M
S
0
4
J
A
M
S
4
P
C
0
4
J
A
M
S
4
P
Q
J
Q
V
0
4
4
.
4
4
3
.
6
5
0
.
1
5
5
4
.
1
7
6
.
5
C
A
4
1
2
-
O
D
/
A
M
S
A
0
4
J
A
M
S
4
P
A
C
0
4
J
A
M
S
4
P
R
J
R
V
0
4
4
.
4
4
1
.
1
5
0
.
1
5
5
5
.
4
6
2
.
6
C
A
4
1
2
-
O
D
/
A
M
S


Similar Part No. - P4SMAJ13CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
P4SMAJ13CA SURGE-P4SMAJ13CA Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Transys Electronics
P4SMAJ13CA TRSYS-P4SMAJ13CA Datasheet
240Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ13CA WTE-P4SMAJ13CA Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P4SMAJ13CA PANJIT-P4SMAJ13CA Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Lunsure Electr...
P4SMAJ13CA CHENYI-P4SMAJ13CA Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results

Similar Description - P4SMAJ13CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
Pan Jit International I...
P6SMBJ PANJIT-P6SMBJ Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
P6SMBJ5.0 YEASHIN-P6SMBJ5.0 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 6 00 Watt Peak Power Pulse
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com