Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY3685 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY3685
Description  EZ-USB NX2LP USB 2.0 NAND Flash Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3685 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY3685 Datasheet HTML 1Page - Cypress Semiconductor CY3685 Datasheet HTML 2Page - Cypress Semiconductor CY3685 Datasheet HTML 3Page - Cypress Semiconductor CY3685 Datasheet HTML 4Page - Cypress Semiconductor CY3685 Datasheet HTML 5Page - Cypress Semiconductor CY3685 Datasheet HTML 6Page - Cypress Semiconductor CY3685 Datasheet HTML 7Page - Cypress Semiconductor CY3685 Datasheet HTML 8Page - Cypress Semiconductor CY3685 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY7C68023/CY7C68024
Document #: 38-08055 Rev. *A
Page4of 9
3.3
Additional Pin Descriptions
3.3.1
DPLUS, DMINUS
DPLUS and DMINUS are the USB signaling pins, and they
should be tied to the D+ and D– pins of the USB connector.
Because they operate at high frequencies, the USB signals
require special consideration when designing the layout of the
PCB. General guidelines are given at the end of this
document.
3.3.2
XTALIN, XTALOUT
The NX2LP requires a 24-MHz (
±100ppm) signal to derive
internal timing. Typically, a 24-MHz (20-pF, 500-uW, parallel-
resonant fundamental mode) crystal is used, but a 24-MHz
square wave from another source can also be used. If a crystal
is used, connect its pins to XTALIN and XTALOUT, and also
through 12-pF capacitors to GND. If an alternate clock source
is used, apply it to XTALIN and leave XTALOUT open.
3.3.3
Data[7-0]
The Data[7-0] I/O pins provide an 8-bit interface to a NAND
Flash device. These pins are used to transfer address,
command, and read/write data between the NX2LP and NAND
Flash.
3.3.4
R_B[2-1]#
The Ready/Busy input pins are used to determine the state of
the currently selected NAND Flash device. These pins must
be pulled HIGH through a 2k-4k resistor. These pins are pulled
LOW by the NAND Flash when it is busy.
3.3.5
WE#
The Write Enable output pin is used by the NAND Flash to
latch commands, address, and data during the rising edge of
the pulse.
3.3.6
RE[1-0]#
The Read Enable output pins are used to control the data flow
from the NAND Flash devices. The device presents valid data
and will increment its internal column address counter by one
step on each falling edge of the Read Enable pulse. A 10k pull-
up is an option For RE1-0#.
3.3.7
CLE
The Command Latch Enable output pin is used to indicate that
the data on the I/O bus is a command. The data is latched into
the NAND Flash control register on the rising edge of WE#
when CLE is HIGH.
3.3.8
ALE
The Address Latch Enable output pin is used to indicate that
the data on the I/O bus is an address. The data is latched into
the NAND Flash address register on the rising edge of WE#
when ALE is HIGH.
3.3.9
LED1#
The Data Activity LED output pin is used to indicate data
transfer activity. LED1# is asserted LOW at the beginning of a
data transfer, and set to a high-Z state when the transfer is
complete. If this functionality is not utilized, leave LED1#
floating.
3.3.10
LED2#
TheChipActiveLED output pinis usedtoindicate proper
device operation. LED2# is asserted LOW when the NX2LP is
powered and initialized. It is placed in a high-Z state under all
other conditions. If this functionality is not utilized, leave
LED2# floating.
3.3.11
WP_NF#
The Write-protect NAND Flash output pin is used to control the
write-protect pins on NAND Flash devices. This pin should be
tied to the Write Protect pins of the NAND Flash devices. If
WP_SW# is asserted LOW during a data transfer, or if internal
operations are still pending, the NX2LP will wait until the
operation is complete before asserting WP_NF# to ensure that
there is no data loss or risk of OS error.
3.3.12
WP_SW#
The Write-protect Switch input pin is used to select whether or
not NAND Flash write-protection is enabled by the NX2LP.
When the pin is asserted LOW, the NX2LP will report to the
host that the NAND Flash is write-protected, the WP_NF# will
be driven LOW, and any attempts to write to the configuration
data memory area will be blocked by the NX2LP. If this pin is
asserted LOW during a data transfer, or if internal operations
are still pending, the NX2LP will wait until the operation is
complete before asserting WP_NF# to ensure that there is no
data loss or risk of OS error.
3.3.13
CE[7-0]#
The Chip Enable output pins are used to select the NAND
Flash that the NX2LP will interface. Unused Chip Enable pins
should be left floating.
3.3.14
RESET#
Asserting RESET# for 10 ms will reset the NX2LP. A reset
and/or watchdog chip is recommended to ensure that startup
and brownout conditions are properly handled.
Figure 3-2. XTALIN, XTALOUT Diagram
24MHz Xtal
12pF
XTALIN
XTALOUT
12pF
12pF capacitor
values assume a
trace capacitance
of 3pF per side on a
four-layer FR4 PCB


Similar Part No. - CY3685

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3685 CYPRESS-CY3685 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
More results

Similar Description - CY3685

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_11 Datasheet
447Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
CY7C68033 CYPRESS-CY7C68033 Datasheet
1Mb / 33P
   EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_12 Datasheet
557Kb / 40P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
   USB Controller for NAND Flash
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com