Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GXO-U114 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GXO-U114
Description  1.8V CMOS Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXO-U114 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GXO-U114 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30.00000
32.00000
33.86880
36.86400
40.00000
44.23680
44.73600
48.00000
49.15200
50.00000
64.00000
66.66600
70.00000
1.8V CMOS Oscillator
GXO-U114G
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
01 Feb 2002
ACTUAL SIZE
PAD
1
2
3
4
CONNECTION
Enable/Disable
Ground
Output
Supply
6.20
(max)
3.70
(max)
1.50
(max)
2.54
0.15
1.00
1.10
1.50
1.10
12
3
4
TOP VIEW
43
12
1.40
1.10
1.40
1.40
1.40
1.10
SOLDER PAD LAYOUT
Features
« Low voltage and low power consumption
« Ceramic package with metal lid
« Enable / disable tristate function
Option
Codes
GXO-U114G
Product
Parameters
Product name + variant + option codes (if any) + frequency
eg:
GXO-U114G 32.0MHz 1.8V,±100ppm -10+70°C
GXO-U114G/BI 40.0MHz 1.8V,±50ppm -40+85°C
Option code X (eg GXO-U114G/X) denotes a custom spec.
Ordering Information
Frequencies in MHz
Standard Frequencies
Standard.
Optional - Please specify required code(s) when ordering
Scale 3:1
Other frequencies available. Please consult our sales office.
Specifications
Available on T&R - 2k pcs per reel.
Refer to our website for T&R and soldering details.
Frequency range: 30.0 ~ 70.0MHz
Frequency stability:
±100ppm
±50ppm
B
±25ppm
A
Operating temperature range:
-10 to +70°C
-40 to +85°C
I
Storage temperature range:
-55 to +125°C
Supply voltage (VDD): +1.8V (±5%)
Supply current:
15mA max
Logic levels:
‘0’ level = 20%V
DD max
‘1’ level = 80%V
DD min
Start up time:
10ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Driving ability:
15pF HCMOS
Rise / fall time:
3.5ns max
Enable / disable function:
Tristate (control via pad 1)
100ns / 100ns max
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Enable / Disable Function
Input (pad 1)
Output (pad 3)


Similar Part No. - GXO-U114

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-U114G GOLLEDGE-GXO-U114G Datasheet
560Kb / 4P
   1.8V Oscillator with Low Power Consumption
GXO-U114G/BI GOLLEDGE-GXO-U114G/BI Datasheet
131Kb / 1P
   1.8V CMOS Oscillator
GXO-U114G GOLLEDGE-GXO-U114G_16 Datasheet
131Kb / 1P
   1.8V CMOS Oscillator
More results

Similar Description - GXO-U114

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-U114G GOLLEDGE-GXO-U114G_16 Datasheet
131Kb / 1P
   1.8V CMOS Oscillator
MCSO1FHZ GOLLEDGE-MCSO1FHZ Datasheet
551Kb / 4P
   1.8V CMOS Oscillator with Low Jitter
MCSO1FZ GOLLEDGE-MCSO1FZ Datasheet
551Kb / 4P
   1.8V CMOS Oscillator with Low Jitter
GXO-2201G GOLLEDGE-GXO-2201G Datasheet
590Kb / 5P
   1.8V CMOS Oscillator with Low Jitter
MCSO2HZ GOLLEDGE-MCSO2HZ Datasheet
547Kb / 4P
   1.8V CMOS Oscillator with - 55125째C Temperature Range
logo
Pericom Semiconductor C...
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
   1.8V CMOS 32.768kHz
KJ-1.8V PERICOM-KJ-1.8V Datasheet
662Kb / 2P
   1.8V CMOS 32.768kHz
KK-1.8V PERICOM-KK-1.8V Datasheet
602Kb / 2P
   1.8V CMOS 32.768kHz
logo
Kyocera Kinseki Corpota...
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
   CMOS/ 1.8V/ 7.0횞5.0mm
KC2520C-C1 KSS-KC2520C-C1 Datasheet
112Kb / 1P
   CMOS/ 1.8V/ 2.5횞2.0mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com