Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1862 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1862
Description  XFP Laser Control and Digital Diagnostic IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1862 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1862 Datasheet HTML 1Page - Maxim Integrated Products DS1862 Datasheet HTML 2Page - Maxim Integrated Products DS1862 Datasheet HTML 3Page - Maxim Integrated Products DS1862 Datasheet HTML 4Page - Maxim Integrated Products DS1862 Datasheet HTML 5Page - Maxim Integrated Products DS1862 Datasheet HTML 6Page - Maxim Integrated Products DS1862 Datasheet HTML 7Page - Maxim Integrated Products DS1862 Datasheet HTML 8Page - Maxim Integrated Products DS1862 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
XFP Laser Control and Digital Diagnostic IC
_____________________________________________________________________
5
AC ELECTRICAL CHARACTERISICS—XFP CONTROLLER
(VCC3 = +2.9V to +5.5V, VCC2 = +1.6V to +3.6V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Time to Initialize
tINIT
VCC3 within ±5% of nominal
30
200
ms
TX-D Assert Time
tOFF
IBIAS and IMOD below 10% of nominal
5
µs
TX-D Deassert Time
tON
IBIAS and IMOD above 90% of nominal
1
ms
P-DOWN/RST Assert Time
tPDR-ON
IBIAS and IMOD below 10% of nominal
100
µs
P-DOWN/RST Deassert Time
tPDR-OFF
IBIAS and IMOD above 90% of nominal
200
ms
MOD-DESEL Deassert Time
tMOD-DESEL
Time until proper response to I2C
communication
2ms
INTERRUPT Assert Delay
tINT-ON
Time from fault to interrupt assertion
100
ms
INTERRUPT Deassert Delay
tINT-OFF
Time from read (clear flags) to interrupt
deassertion
500
µs
MOD-NR Assert Delay
tMOD-NR-ON Time from fault to MOD-NR assertion
0.5
ms
MOD-NR Deassert Delay
tMOD-NR-OFF
Time from read (clear flags) to MOD-NR
deassertion
0.5
ms
RX-LOS Assert Time
tLOS-ON
Time from SC-RX-LOS assertion to
RX-LOS assertion
100
ns
RX-LOS Deassert Time
tLOS-OFF
Time from SC-RX-LOS deassertion to
RX-LOS deassertion
100
ns
P-DOWN/RST Reset Time
tRESET
Time from P-DOWN/RST assertion to
initial reset
10
µs
Shutdown Time
tFAULT
Time from fault to IBIASSET, IMODSET,
and IBMD below 10%
30
µs
ANALOG OUTPUT CHARACTERISTICS (continued)
(VCC3 = +2.9V to +5.5V, VCC2 = +1.6V to +3.6V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IMODSET Accuracy
+25°C
IMODSET = 0.04mA to 1.2mA
-1.5
+1.5
%
75µA range
-0.9
+0.9
150µA range
-0.9
+0.9
300µA range
-0.9
+0.9
600µA range
-0.9
+0.9
IMODSET DNL
1200µA range
-0.9
+0.9
LSB
75µA range
-1.5
+1.5
150µA range
-1.5
+1.5
300µA range
-1.0
+1.0
600µA range
-1.0
+1.0
IMODSET INL
1200µA range
-1.0
+1.0
LSB
IMODSET Temp Drift
5%
IMODSET Voltage Drift
1.2
%/V
IMODSET FS Accuracy
1.5
%
APC Bandwidth
IMD / IAPC = 1 (Note 4)
6
10
30
kHz


Similar Part No. - DS1862

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1862A MAXIM-DS1862A Datasheet
582Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 10/08
DS1862AB++ MAXIM-DS1862AB+ Datasheet
582Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 10/08
DS1862AB+TR MAXIM-DS1862AB+TR Datasheet
582Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 10/08
More results

Similar Description - DS1862

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1862A MAXIM-DS1862A Datasheet
582Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 10/08
logo
Dallas Semiconductor
DS1864 DALLAS-DS1864 Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
logo
Maxim Integrated Produc...
DS1864 MAXIM-DS1864 Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
logo
Panasonic Semiconductor
AN8725FH PANASONIC-AN8725FH Datasheet
197Kb / 36P
   Semiconductor laser power control IC
logo
Analog Devices
ADN2928 AD-ADN2928 Datasheet
291Kb / 12P
   XFP Single Chip Transceiver IC
Rev. PrB
ADN2928 AD-ADN2928_15 Datasheet
291Kb / 12P
   XFP Single Chip Transceiver IC
Rev. PrB
logo
Cirrus Logic
CS1501 CIRRUS-CS1501 Datasheet
820Kb / 11P
   Digital Power Factor Correction Control IC
logo
Sanyo Semicon Device
LB8500M SANYO-LB8500M Datasheet
118Kb / 15P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8502M SANYO-LB8502M Datasheet
95Kb / 11P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8503V SANYO-LB8503V Datasheet
163Kb / 20P
   Monolithic Digital IC DC Fan Motor Speed Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com